Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5534-AS Datasheet(PDF) 27 Page - Cirrus Logic

Part # CS5534-AS
Description  16-bit and 24-bit ADCs with Ultra-low-noise PGIA
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5534-AS Datasheet(HTML) 27 Page - Cirrus Logic

Back Button CS5534-AS Datasheet HTML 23Page - Cirrus Logic CS5534-AS Datasheet HTML 24Page - Cirrus Logic CS5534-AS Datasheet HTML 25Page - Cirrus Logic CS5534-AS Datasheet HTML 26Page - Cirrus Logic CS5534-AS Datasheet HTML 27Page - Cirrus Logic CS5534-AS Datasheet HTML 28Page - Cirrus Logic CS5534-AS Datasheet HTML 29Page - Cirrus Logic CS5534-AS Datasheet HTML 30Page - Cirrus Logic CS5534-AS Datasheet HTML 31Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 50 page
background image
CS5531/32/33/34-AS
DS289F5
27
Filter Rate Select, FRS[19]
0
Use the default output word rates.
1
Scale all output word rates and their corresponding filter characteristics by a factor of 5/6.
NU (Not Used)[18:0]
0
Must always be logic 0. Reserved for future upgrades.
2.4. Setting up the CSRs for a Measurement
The CS5531/32/33/34 have four channel-setup reg-
isters (CSRs). Each CSR contains two 16-bit Setups
which are programmed by the user to contain data
conversion information such as: 1) which physical
channel will be converted, 2) at what gain will the
channel be converted, 3) at what word rate will the
channel be converted, 4) will the output conversion
be unipolar or bipolar, 5) what will be the state of the
output latch during the conversion, 6) will the con-
verter delay the start of a conversion to allow time
for the output latch to settle before the conversion is
begun, and 7) will the open circuit detect current
source be activated for that Setup. In addition, when
the OGS bit in the Configuration Register is set, the
Setup selects which set of offset and gain registers to
use when performing conversions or calibrations.
Note that a particular physical input channel can be
represented in more than one Setup with different
output rates, gain ranges, etc. (i.e. each Setup is in-
dependently defined). Refer to section 2.4.1 for
more details about the Channel Setup Registers.
Each 32-bit CSR is individually accessible and
contains two 16-bit Setups. As an example, to con-
figure Setup 1 in the CS5531/32/33/34 with the
write individual channel-setup register command
(0x05 hexadecimal), bits 31 to 16 of CSR 1 con-
tains the information for Setup 1 and bits 15 to 0
contain the information for Setup 2. Note that while
reading/writing CSRs, two Setups are accessed in
pairs as a single 32-bit CSR register. Even if one of
the Setups isn’t used, it must be written to or read.
Examples detailing the power of the CSRs are pro-
vided in section 2.6.3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com