Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5534-AS Datasheet(PDF) 1 Page - Cirrus Logic

Part # CS5534-AS
Description  16-bit and 24-bit ADCs with Ultra-low-noise PGIA
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5534-AS Datasheet(HTML) 1 Page - Cirrus Logic

  CS5534-AS Datasheet HTML 1Page - Cirrus Logic CS5534-AS Datasheet HTML 2Page - Cirrus Logic CS5534-AS Datasheet HTML 3Page - Cirrus Logic CS5534-AS Datasheet HTML 4Page - Cirrus Logic CS5534-AS Datasheet HTML 5Page - Cirrus Logic CS5534-AS Datasheet HTML 6Page - Cirrus Logic CS5534-AS Datasheet HTML 7Page - Cirrus Logic CS5534-AS Datasheet HTML 8Page - Cirrus Logic CS5534-AS Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 50 page
background image
Copyright
© Cirrus Logic, Inc. 2008
(All Rights Reserved)
http://www.cirrus.com
CS5531/32/33/34-AS
16-bit and 24-bit ADCs with Ultra-low-noise PGIA
Features
Chopper-stabilized PGIA (Programmable
Gain Instrumentation Amplifier, 1x to 64x)
– 12 nV/
√Hz @ 0.1 Hz (No 1/f noise) at 64x
– 1200 pA Input Current with Gains >1
Delta-sigma Analog-to-digital Converter
– Linearity Error: 0.0007% FS
– Noise Free Resolution: Up to 23 bits
Two- or Four-channel Differential MUX
Scalable Input Span via Calibration
– ±5 mV to differential ±2.5V
Scalable VREF Input: Up to Analog Supply
Simple Three-wire Serial Interface
– SPI™ and Microwire™ Compatible
– Schmitt Trigger on Serial Clock (SCLK)
R/W Calibration Registers Per Channel
Selectable Word Rates: 6.25 to 3,840 Sps
Selectable 50 or 60 Hz Rejection
Power Supply Configurations
– VA+ = +5 V; VA- = 0 V; VD+ = +3 V to +5 V
– VA+ = +2.5 V; VA- = -2.5 V; VD+ = +3 V to +5 V
– VA+ = +3 V; VA- = -3 V; VD+ = +3 V
General Description
The CS5531/32/33/34 are highly integrated
∆Σ Analog-
to-Digital Converters (ADCs) which use charge-balance
techniques to achieve 16-bit (CS5531/33) and 24-bit
(CS5532/34) performance. The ADCs are optimized for
measuring low-level unipolar or bipolar signals in weigh
scale,
process
control,
scientific,
and
medical
applications.
To accommodate these applications, the ADCs come as
either
two-channel
(CS5531/32)
or
four-channel
(CS5533/34) devices and include a very low noise chop-
per-stabilized instrumentation amplifier (6 nV/
√Hz @ 0.1
Hz) with selectable gains of 1×, 2×, 4×, 8×, 16×, 32×, and
64×. These ADCs also include a fourth order
∆Σ modu-
lator followed by a digital filter which provides twenty
selectable output word rates of 6.25, 7.5, 12.5, 15, 25, 30,
50, 60, 100, 120, 200, 240, 400, 480, 800, 960, 1600,
1920, 3200, and 3840 Sps (MCLK = 4.9152 MHz).
To ease communication between the ADCs and a micro-
controller, the converters include a simple three-wire se-
rial interface which is SPI and Microwire compatible with
a Schmitt-trigger input on the serial clock (SCLK).
High dynamic range, programmable output rates, and
flexible power supply options makes these ADCs ideal
solutions
for
weigh
scale
and
process
control
applications.
ORDERING INFORMATION
See page 47
VA+
C1
C2
VREF+
VREF-
VD+
DIFFERENTIAL
4TH ORDER
∆Σ
MODULATOR
PGIA
1,2,4,8,16
PROGRAMMABLE
SINC FIR FILTER
MUX
(CS5533/34
SHOWN)
AIN1+
AIN1-
AIN2+
AIN2-
AIN3+
AIN3-
AIN4+
AIN4-
SERIAL
INTERFACE
LATCH
CLOCK
GENERATOR
CALIBRATION
SRAM/CONTROL
LOGIC
DGND
CS
SDI
SDO
SCLK
OSC2
OSC1
A1
A0/GUARD
VA-
32,64
OCT ‘08
DS289F5


Similar Part No. - CS5534-AS

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS5534-AS CIRRUS-CS5534-AS Datasheet
907Kb / 52P
16 BIT AND 24 BIT ADCS WITH ULTRA LOW NOISE PGIA
More results

Similar Description - CS5534-AS

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS5531 CIRRUS-CS5531 Datasheet
907Kb / 52P
16 BIT AND 24 BIT ADCS WITH ULTRA LOW NOISE PGIA
CS5521 CIRRUS-CS5521 Datasheet
954Kb / 56P
16 BIT OR 24 BIT 2/4/8 CHANNEL ADCS WITH PGIA
CS5521 CIRRUS-CS5521_08 Datasheet
905Kb / 56P
16-bit or 24-bit, 2/4/8-channel ADCs with PGIA
CS5532 CIRRUS-CS5532 Datasheet
764Kb / 50P
24-bit ?誇 ADCs with Ultra-low-noise PGIA
CS5521 CIRRUS-CS5521_09 Datasheet
784Kb / 56P
16-bit or 24-bit, 2/4/8-channel ADCs with PGIA
CS5530 CIRRUS-CS5530 Datasheet
286Kb / 36P
24-bit ADC with Ultra-low-noise Amplifier
CS5530_0911 CIRRUS-CS5530_0911 Datasheet
277Kb / 36P
24-bit ADC with Ultra-low-noise Amplifier
logo
Analog Devices
AD7788 AD-AD7788 Datasheet
382Kb / 20P
Low Power, 16-/24-Bit, Sigma-Delta ADCs
REV. B
AD7788 AD-AD7788_15 Datasheet
382Kb / 20P
Low Power, 16-/24-Bit, Sigma-Delta ADCs
REV. B
AD7789 AD-AD7789_15 Datasheet
382Kb / 20P
Low Power, 16-/24-Bit, Sigma-Delta ADCs
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com