Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5521-AS Datasheet(PDF) 10 Page - Cirrus Logic

Part # CS5521-AS
Description  16-bit or 24-bit, 2/4/8-channel ADCs with PGIA
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5521-AS Datasheet(HTML) 10 Page - Cirrus Logic

Back Button CS5521-AS Datasheet HTML 6Page - Cirrus Logic CS5521-AS Datasheet HTML 7Page - Cirrus Logic CS5521-AS Datasheet HTML 8Page - Cirrus Logic CS5521-AS Datasheet HTML 9Page - Cirrus Logic CS5521-AS Datasheet HTML 10Page - Cirrus Logic CS5521-AS Datasheet HTML 11Page - Cirrus Logic CS5521-AS Datasheet HTML 12Page - Cirrus Logic CS5521-AS Datasheet HTML 13Page - Cirrus Logic CS5521-AS Datasheet HTML 14Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 56 page
background image
CS5521/22/23/24/28
10
DS317F6
DYNAMIC CHARACTERISTICS
RECOMMENDED OPERATING CONDITIONS (AGND, DGND = 0 V; See Note 20.)
Notes: 20. All voltages with respect to ground.
ABSOLUTE MAXIMUM RATINGS (AGND, DGND = 0 V; See Note 20.)
Notes: 21. No pin should go more negative than NBV - 0.3 V.
22. Applies to all pins including continuous overvoltage conditions at the analog input (AIN) pins.
23. Transient current of up to 100 mA will not cause SCR latch-up. Maximum input current for a power
supply pin is ±50 mA.
24. Total power dissipation, including all input currents and output currents.
WARNING: Operation at or beyond these limits may result in permanent damage to the device.
Normal operation is not guaranteed at these extremes.
Parameter
Symbol
Ratio
Unit
Modulator Sampling Frequency
fs
XIN/4
Hz
Filter Settling Time to 1/2 LSB (Full-scale Step)
ts
1/fout
s
Parameter
Symbol
Min
Typ
Max
Unit
DC Power Supplies
Positive Digital
Positive Analog
VD+
VA+
2.7
4.75
5.0
5.0
5.25
5.25
V
V
Analog Reference Voltage
(VREF+) - (VREF-)
VRefdiff
1.0
2.5
VA+
V
Negative Bias Voltage
NBV
-1.8
-2.1
-2.5
V
Parameter
Symbol
Min
Typ
Max
Unit
DC Power Supplies
(Note 21)
Positive Digital
Positive Analog
VD+
VA+
-0.3
-0.3
-
-
+6.0
+6.0
V
V
Negative Bias Voltage
Negative Potential
NBV
+0.3
-2.1
-3.0
V
Input Current, Any Pin Except Supplies
(Note 22 and 23)
IIN
--
±10
mA
Output Current
IOUT
--
±25
mA
Power Dissipation
(Note 24)
PDN
-
-
500
mW
Analog Input Voltage
VREF pins
AIN Pins
VINR
VINA
NBV -0.3
NBV -0.3
-
-
(VA+) + 0.3
(VA+) + 0.3
V
V
Digital Input Voltage
VIND
-0.3
-
(VD+) + 0.3
V
Ambient Operating Temperature
TA
-40
-
85
°C
Storage Temperature
Tstg
-65
-
150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com