Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5521-AS Datasheet(PDF) 34 Page - Cirrus Logic

Part # CS5521-AS
Description  16-bit or 24-bit, 2/4/8-channel ADCs with PGIA
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5521-AS Datasheet(HTML) 34 Page - Cirrus Logic

Back Button CS5521-AS Datasheet HTML 30Page - Cirrus Logic CS5521-AS Datasheet HTML 31Page - Cirrus Logic CS5521-AS Datasheet HTML 32Page - Cirrus Logic CS5521-AS Datasheet HTML 33Page - Cirrus Logic CS5521-AS Datasheet HTML 34Page - Cirrus Logic CS5521-AS Datasheet HTML 35Page - Cirrus Logic CS5521-AS Datasheet HTML 36Page - Cirrus Logic CS5521-AS Datasheet HTML 37Page - Cirrus Logic CS5521-AS Datasheet HTML 38Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 56 page
background image
CS5521/22/23/24/28
34
DS317F6
The variables are defined below.
V0
=
First calibration voltage
V1
=
Second calibration voltage (greater than V0)
Ru
=
Result of any uncalibrated conversion
Ru0
=
Result of uncalibrated conversion V0
(24-bit integer or 2’s complement)
Ru1
=
Result of uncalibrated conversion of V1
(24-bit integer or 2’s complement)
Rc
=
Result of any conversion
Rc0
=
Desired calibrated result of converting V0
(24-bit integer or 2’s complement)
Rc1
=
Desired calibrated result of converting V1
(24-bit integer or 2’s complement)
Co
=
Offset calibration register value
(24-bit 2’s complement)
Cg
=
Gain calibration register value
(24-bit integer)
1.3.3 Calibration Tips
Calibration steps are performed at the output word
rate selected by the WR2-WR0 bits of the configu-
ration register. Since higher word rates result in
conversion words with more peak-to-peak noise,
calibration should be performed at lower output
word rates.
Also, to minimize digital noise near
the device, the user should wait for each calibration
step to be completed before reading or writing to
the serial port.
For maximum accuracy, calibrations should be per-
formed for offset and gain (selected by changing
the G2-G0 bits of the desired Setup). Note that only
one gain range can be calibrated per physical chan-
nel. If factory calibration of the user’s system is
performed using the system calibration capabilities
of the CS5521/22/23/24/28, the offset and gain reg-
ister contents can be read by the system microcon-
troller and recorded in EEPROM. These same
calibration words can then be uploaded into the off-
set and gain registers of the converter when power
is first applied to the system, or when the gain range
is changed.
1.3.4 Limitations in Calibration Range
System calibration can be limited by signal head-
room in the analog signal path inside the chip as
discussed under the Analog Input section of this
data sheet. For gain calibration the full-scale input
signal can be reduced to the point in which the gain
register reaches its upper limit of (4-2-22 decimal)
or FFFFFF (hexadecimal). Under nominal condi-
tions, this occurs with a full-scale input signal
equal to about 1/4 the nominal full scale. With the
converter’s intrinsic gain error, this full-scale input
signal may be higher or lower. In defining the min-
imum Full Scale Calibration Range (FSCR) under
ANALOG CHARACTERISTICS, margin is retained
to accommodate the intrinsic gain error. Alterna-
tively the input full-scale signal can be increased to
a point in which the modulator reaches its 1’s den-
sity limit of 80 percent, which under nominal con-
dition occurs when the full-scale input signal is 1.5
times the nominal full scale. With the chip’s intrin-
sic gain error, this full-scale input signal may be
higher or lower. In defining the maximum FSCR,
margin is again incorporated to accommodate the
intrinsic gain error. In addition, for full-scale inputs
greater than the nominal full-scale value of the
range selected, there is some voltage at which var-
ious internal circuits may saturate due to limited
amplifier headroom. This is most likely to occur in
the 100 mV range.
1.4 Performing Conversions and Reading
the Data Conversion FIFO
The CS5521/22/23/24/28 offers various modes of
performing conversions. The sections that follow
detail the differences between the conversion
modes. The sections also provide examples illus-
trating how to use the conversion modes with the
channel-setup registers and to acquire conversions
for further processing. While reading, note that the
CS5521/22 have a FIFO which is four words deep.
The CS5523/24 have a FIFO which is eight words
deep and the CS5528 has a FIFO which is sixteen



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com