Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5521-AS Datasheet(PDF) 15 Page - Cirrus Logic

Part # CS5521-AS
Description  16-bit or 24-bit, 2/4/8-channel ADCs with PGIA
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5521-AS Datasheet(HTML) 15 Page - Cirrus Logic

Back Button CS5521-AS Datasheet HTML 11Page - Cirrus Logic CS5521-AS Datasheet HTML 12Page - Cirrus Logic CS5521-AS Datasheet HTML 13Page - Cirrus Logic CS5521-AS Datasheet HTML 14Page - Cirrus Logic CS5521-AS Datasheet HTML 15Page - Cirrus Logic CS5521-AS Datasheet HTML 16Page - Cirrus Logic CS5521-AS Datasheet HTML 17Page - Cirrus Logic CS5521-AS Datasheet HTML 18Page - Cirrus Logic CS5521-AS Datasheet HTML 19Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 56 page
background image
CS5521/22/23/24/28
DS317F6
15
1.1.3 Analog Input Span Considerations
The CS5521/22/23/24/28 is designed to measure
full-scale ranges of 25 mV, 55 mV, 100 mV, 1 V,
2.5 V, and 5 V. Other full scale values can be ac-
commodated by performing a system calibration
within the limits specified. See the Calibration sec-
tion for more details. Another way to change the
full scale range is to increase or to decrease the
voltage reference to a voltage other than 2.5 . See
the Voltage Reference section for more details.
Three factors set the operating limits for the input
span. They include: instrumentation amplifier satu-
ration, modulator 1’s density, and a lower reference
voltage. When the 25 mV, 55 mV, or 100 mV
range is selected, the input signal (including the
common-mode voltage and the amplifier offset
voltage) must not cause the 20X amplifier to satu-
rate in either its input stage or output stage. To pre-
vent saturation, the absolute voltages on AIN+ and
AIN- must stay within the limits specified (refer to
the Analog Input section). Additionally, the differ-
ential output voltage of the amplifier must not ex-
ceed 2.8 V. The equation
ABS(VIN + VOS) x 20 = 2.8 V
defines the differential output limit, where
VIN = (AIN+) - (AIN-)
is the differential input voltage and VOS is the ab-
solute maximum offset voltage for the instrumenta-
tion amplifier (VOS will not exceed 40 mV). If the
differential output voltage from the amplifier ex-
ceeds 2.8 V, the amplifier may saturate, which will
cause a measurement error.
The input voltage into the modulator must not
cause the modulator to exceed a low of 20 percent
or a high of 80 percent 1's density. The nominal
full-scale input span of the modulator (from 30 per-
cent to 70 percent 1’s density) is determined by the
VREF voltage divided by the Gain Factor. See
Table 1 to determine if the CS5521/22/23/24/28 is
being used properly.
For example, in the 55 mV
range, to determine the nominal input voltage to the
modulator, divide VREF (2.5 V) by the Gain Fac-
tor (2.2727).
When a smaller voltage reference is used, the re-
sulting code widths are smaller causing the con-
verter output codes to exhibit more changing codes
for a fixed amount of noise. Table 1 is based upon
a VREF = 2.5 V. For other values of VREF, the
values in Table 1 must be scaled accordingly.
1.1.4 Measuring Voltages Higher than 5 V
Some systems require the measurement of voltages
greater than 5 V. The input current of the instru-
Note:
1. The converter's actual input range, the delta-sigma's nominal full-scale input, and the delta-sigma's
maximum full-scale input all scale directly with the value of the voltage reference. The values in the
table assume a 2.5 V VREF voltage.
2. The 2.8 V limit at the output of the 20X amplifier is the differential output voltage.
Input Range(1)
Max. Differential Output
20X Amplifier
VREF
Gain Factor
∆-Σ Nominal(1)
Differential Input
∆-Σ(1)
Max. Input
± 25 mV
2.8 V (2)
2.5V
5
± 0.5 V
± 0.75 V
± 55 mV
2.8 V (2)
2.5V
2.272727...
± 1.1 V
± 1.65 V
± 100 mV
2.8 V (2)
2.5V
1.25
± 2.0 V
± 3.0 V
± 1.0 V
-
2.5V
2.5
± 1.0 V
± 1.5 V
± 2.5 V
-
2.5V
1.0
± 2.5 V
± 5.0 V
± 5.0 V
-
2.5V
0.5
± 5.0 V
0V, VA+
Table 1. Relationship between Full Scale Input, Gain Factors, and Internal Analog
Signal Limitations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com