Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5521-AS Datasheet(PDF) 18 Page - Cirrus Logic

Part # CS5521-AS
Description  16-bit or 24-bit, 2/4/8-channel ADCs with PGIA
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5521-AS Datasheet(HTML) 18 Page - Cirrus Logic

Back Button CS5521-AS Datasheet HTML 14Page - Cirrus Logic CS5521-AS Datasheet HTML 15Page - Cirrus Logic CS5521-AS Datasheet HTML 16Page - Cirrus Logic CS5521-AS Datasheet HTML 17Page - Cirrus Logic CS5521-AS Datasheet HTML 18Page - Cirrus Logic CS5521-AS Datasheet HTML 19Page - Cirrus Logic CS5521-AS Datasheet HTML 20Page - Cirrus Logic CS5521-AS Datasheet HTML 21Page - Cirrus Logic CS5521-AS Datasheet HTML 22Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 56 page
background image
CS5521/22/23/24/28
18
DS317F6
1.2.1 System Initialization
After
power
is
first
applied
to
the
CS5521/22/2324/28 devices, the user should wait
for the oscillator to start before attempting to com-
municate with the converter. If a 32.768 kHz crys-
tal is used, this may be 500 milliseconds.
The initialization sequence should be as follows:
Initialize the serial port by sending the port initial-
ization sequence of 15 bytes of all 1's followed by
one byte with the following bit contents '1111 110'.
This sequence places the chip in the command
mode where it waits for a valid command to be
written. The first command should be to perform a
system reset. This is accomplished by writing a
logic 1 to the RS (Reset System) bit in the configu-
ration register. After a reset the RV bit is set until
the configuration register is read. The user must
then write a logic 0 to the RS bit to take the part out
of reset mode. Any other bits written to the config-
uration register at this time will be lost. The con-
figuration register must be written again once RS=
0 to set any other bits to their desired settings.
After a reset, the on-chip registers are initialized to
the following states:
configuration register:
000040(H)
offset registers:
000000(H)
gain registers:
400000(H)
channel setup registers:
000000(H)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com