Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5521-AS Datasheet(PDF) 43 Page - Cirrus Logic

Part # CS5521-AS
Description  16-bit or 24-bit, 2/4/8-channel ADCs with PGIA
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5521-AS Datasheet(HTML) 43 Page - Cirrus Logic

Back Button CS5521-AS Datasheet HTML 39Page - Cirrus Logic CS5521-AS Datasheet HTML 40Page - Cirrus Logic CS5521-AS Datasheet HTML 41Page - Cirrus Logic CS5521-AS Datasheet HTML 42Page - Cirrus Logic CS5521-AS Datasheet HTML 43Page - Cirrus Logic CS5521-AS Datasheet HTML 44Page - Cirrus Logic CS5521-AS Datasheet HTML 45Page - Cirrus Logic CS5521-AS Datasheet HTML 46Page - Cirrus Logic CS5521-AS Datasheet HTML 47Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 56 page
background image
CS5521/22/23/24/28
DS317F6
43
1.8 Power Supply Arrangements
The CS5521/22/23/24/28 A/D converters are de-
signed to operate from a single +5 V analog supply
and a single +5 V or +3 V digital supply. A -2.1 V
supply is usually generated from the charge pump
drive to provide power to the instrumentation am-
plifier’s
NBV
(negative
bias
voltage)
pin.
Figure 21 illustrates the CS5522 connected with a
+5 V analog supply and with the external compo-
nents required for the charge pump drive. This en-
ables the CS5522 to measure ground-referenced
signals with magnitudes down to ±100 mV.
Figure 22 illustrates the CS5522 connected to mea-
sure ground-referenced unipolar signals of a posi-
tive polarity using the 1 V, 2.5 V, and 5 V ranges
on the converter. For the 25 mV, 55 mV, and
100 mV ranges, the signals being digitized must
have a common mode between +1.85 to +2.65 V
(NBV = 0 V).
Although CS5521/22/23/24/28 are optimized for
the measurement of thermocouple outputs, they are
also well suited for the measurement of ratiometric
bridge transducer outputs. Figure 23 illustrates the
CS5522 connected to measure the output of a rati-
ometric differential bridge transducer while operat-
ing from a single +5 V supply. Bridge outputs may
range from 5 mV to 400 mV. See “Digital Gain
Scaling” on page 45 section about manipulating the
gain register to achieve optimum gain scaling.
XO U T
VD +
VA +
VR E F +
VR E F -
DG ND
NB V
AIN 1 +
SC L K
SD O
SD I
C S 5522
XIN
CP D
CS
10
Ω
+5 V
An a lo g
Su p p ly
0.1
µF0 .1 µF
20
19
3
1
AG N D
21 4
11
10
15
12
8
9
13
5
O p tion al
Clo c k
S ourc e
Se ria l
Da ta
In te rfa ce
7
32 .7 68 ~ 1 0 0 k H z
2.5 V
U p to ± 1 00 m V In pu t
AIN 1 -
4
10 k
Ω
0.1
µF
10
µF
1 N 4148
1 N 41 48
+
BA V 1 9 9
18
AIN2 +
17
AIN 2 -
16
A1
6
A0
C harg e -p um p n e tw o rk
fo r V D + = 5 V o n ly a n d
X IN = 32.76 8 k H z .
Lo g ic O u tp u ts :
A0 - A 1 S w itc h fro m
V A + to A G ND.
10 k
Ω
301
Ω
49 9
Ω
+5 V
V+
R
LM 334
Ab s o lu te
Cu rre n t
R e fe renc e
V-
C o ld J u nction
BA T 8 5
0.0 33
µF
Figure 21. CS5522 Configured to use on-chip charge pump to supply NBV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com