Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT17F080 Datasheet(PDF) 7 Page - ATMEL Corporation

Part # AT17F080
Description  FPGA Configuration Flash Memory
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT17F080 Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button AT17F080 Datasheet HTML 3Page - ATMEL Corporation AT17F080 Datasheet HTML 4Page - ATMEL Corporation AT17F080 Datasheet HTML 5Page - ATMEL Corporation AT17F080 Datasheet HTML 6Page - ATMEL Corporation AT17F080 Datasheet HTML 7Page - ATMEL Corporation AT17F080 Datasheet HTML 8Page - ATMEL Corporation AT17F080 Datasheet HTML 9Page - ATMEL Corporation AT17F080 Datasheet HTML 10Page - ATMEL Corporation AT17F080 Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
7
3039K–CNFG–2/08
AT17F040/080
5.9
A2(1)
Device selection input, (when SER_EN Low). The input is used to enable (or chip select) the
device during programming (i.e., when SER_EN is Low). Refer to the AT17F Programming
Specification available on the Atmel web site for additional details.
5.10
READY
Open collector reset state indicator. Driven Low during power-up reset, released when power-up
is complete. (recommended 4.7 k
Ω pull-up on this pin if used).
5.11
SER_EN(1)
The serial enable input must remain High during FPGA configuration operations. Bringing
SER_EN Low enables the 2-Wire Serial Programming Mode. For non-ISP applications,
SER_EN should be tied to V
CC.
5.12
V
CC
+3.3V (±10%).
Notes:
1. This pin has an internal 20 k
Ω pull-up resistor.
2. This pin has an internal 30 k
Ω pull-down resistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com