Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT17F080 Datasheet(PDF) 6 Page - ATMEL Corporation

Part # AT17F080
Description  FPGA Configuration Flash Memory
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT17F080 Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button AT17F080 Datasheet HTML 2Page - ATMEL Corporation AT17F080 Datasheet HTML 3Page - ATMEL Corporation AT17F080 Datasheet HTML 4Page - ATMEL Corporation AT17F080 Datasheet HTML 5Page - ATMEL Corporation AT17F080 Datasheet HTML 6Page - ATMEL Corporation AT17F080 Datasheet HTML 7Page - ATMEL Corporation AT17F080 Datasheet HTML 8Page - ATMEL Corporation AT17F080 Datasheet HTML 9Page - ATMEL Corporation AT17F080 Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
6
3039K–CNFG–2/08
AT17F040/080
5.4
PAGESEL[1:0](2)
Page select inputs. Used to determine which of the 4 memory pages are targeted during a serial
configuration download. The address space for each of the pages is shown in Table 5-2. When
SER_EN is Low (ISP mode) these pins have no effect.
5.5
RESET/OE(1)
Output Enable (active High) and RESET (active Low) when SER_EN is High. A Low level on
RESET/OE resets both the address and bit counters. A High level (with CE Low) enables the
data output driver.
5.6
CE(1)
Chip Enable input (active Low). A Low level (with OE High) allows CLK to increment the address
counter and enables the data output driver. A High level on CE disables both the address and bit
counters and forces the device into a low-power standby mode. Note that this pin will not
enable/disable the device in the 2-wire Serial Programming mode (SER_EN Low).
5.7
GND
Ground pin. A 0.2 µF decoupling capacitor between V
CC and GND is recommended.
5.8
CEO
Chip Enable Output (when SER_EN is High). This output goes Low when the internal address
counter has reached its maximum value. If the PAGE_EN input is set High, the maximum value
is the highest address in the selected partition. The PAGESEL[1:0] inputs are used to make the
4 partition selections. If the PAGE_EN input is set Low, the device is not partitioned and the
address maximum value is the highest address in the device, see Table 5-2 on page 6. In a
daisy chain of AT17F Series devices, the CEO pin of one device must be connected to the CE
input of the next device in the chain. It will stay Low as long as CE is Low and OE is High. It will
then follow CE until OE goes Low; thereafter, CEO will stay High until the entire EEPROM is
read again.
Notes:
1. This pin has an internal 20 k
Ω pull-up resistor.
2. This pin has an internal 30 k
Ω pull-down resistor.
Table 5-2.
Address Space
Paging Decodes
AT17F040 (4 Mbits)
AT17F080 (8 Mbits)
PAGESEL = 00, PAGE_EN = 1
00000 – 0FFFFh
00000 – 1FFFFh
PAGESEL = 01, PAGE_EN = 1
10000 – 1FFFFh
20000 – 3FFFFh
PAGESEL = 10, PAGE_EN = 1
20000 – 2FFFFh
40000 – 5FFFFh
PAGESEL = 11, PAGE_EN = 1
30000 – 3FFFFh
60000 – 7FFFFh
PAGESEL = XX, PAGE_EN = 0
00000 – 3FFFFh
00000 – 7FFFFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com