Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT17F080 Datasheet(PDF) 4 Page - ATMEL Corporation

Part # AT17F080
Description  FPGA Configuration Flash Memory
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT17F080 Datasheet(HTML) 4 Page - ATMEL Corporation

  AT17F080 Datasheet HTML 1Page - ATMEL Corporation AT17F080 Datasheet HTML 2Page - ATMEL Corporation AT17F080 Datasheet HTML 3Page - ATMEL Corporation AT17F080 Datasheet HTML 4Page - ATMEL Corporation AT17F080 Datasheet HTML 5Page - ATMEL Corporation AT17F080 Datasheet HTML 6Page - ATMEL Corporation AT17F080 Datasheet HTML 7Page - ATMEL Corporation AT17F080 Datasheet HTML 8Page - ATMEL Corporation AT17F080 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
4
3039K–CNFG–2/08
AT17F040/080
3.
Block Diagram
4.
Device Description
The control signals for the configuration memory device (CE, RESET/OE and CLK) interface
directly with the FPGA device control signals. All FPGA devices can control the entire configura-
tion process and retrieve data from the configuration device without requiring an external
intelligent controller.
The RESET/OE and CE pins control the tri-state buffer on the DATA output pin and enable the
address counter. When RESET/OE is driven Low, the configuration device resets its address
counter and tri-states its DATA pin. The CE pin also controls the output of the AT17F Series
Configurator. If CE is held High after the RESET/OE reset pulse, the counter is disabled and the
DATA output pin is tri-stated. When OE is subsequently driven High, the counter and the DATA
output pin are enabled. When RESET/OE is driven Low again, the address counter is reset and
the DATA output pin is tri-stated, regardless of the state of CE.
When the configurator has driven out all of its data and CEO is driven Low, the device tri-states
the DATA pin to avoid contention with other configurators. Upon power-up, the address counter
is automatically reset.
Config. Page
Select
Power-on
Reset
Flash
Memory
Clock/Oscillator
Logic
2-wire Serial Programming
Serial Download Logic
Control Logic
CLK
CEO(A2)
DATA
CE
RESET/OE
SER_EN
CE/WE/OE
Data
Address
READY
PAGE_EN
PAGESEL0
PAGESEL1
Reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com