Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT17F080 Datasheet(PDF) 12 Page - ATMEL Corporation

Part # AT17F080
Description  FPGA Configuration Flash Memory
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT17F080 Datasheet(HTML) 12 Page - ATMEL Corporation

Back Button AT17F080 Datasheet HTML 8Page - ATMEL Corporation AT17F080 Datasheet HTML 9Page - ATMEL Corporation AT17F080 Datasheet HTML 10Page - ATMEL Corporation AT17F080 Datasheet HTML 11Page - ATMEL Corporation AT17F080 Datasheet HTML 12Page - ATMEL Corporation AT17F080 Datasheet HTML 13Page - ATMEL Corporation AT17F080 Datasheet HTML 14Page - ATMEL Corporation AT17F080 Datasheet HTML 15Page - ATMEL Corporation AT17F080 Datasheet HTML 16Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
12
3039K–CNFG–2/08
AT17F040/080
Notes:
1. AC test lead = 50 pF.
2. Float delays are measured with 5 pF AC loads. Transition is measured ± 200 mV from steady-state active levels.
16.1
AC Characteristics When Cascading
Symbol
Description
AT17F040
AT17F080
Units
Min
Max
Min
Max
T
CDF
(3)
CLK to Data Float Delay
Commercial
60
50
ns
Industrial
60
50
ns
T
OCK
(2)
CLK to CEO Delay
Commercial
55
50
ns
Industrial
60
55
ns
T
OCE
(2)
CE to CEO Delay
Commercial
55
35
ns
Industrial
60
40
ns
T
OOE
(2)
RESET/OE to CEO Delay
Commercial
40
35
ns
Industrial
45
35
ns
F
MAX
Maximum Input Clock Frequency
Commercial
33
33
MHz
Industrial
33
33
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com