Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT17F080 Datasheet(PDF) 9 Page - ATMEL Corporation

Part # AT17F080
Description  FPGA Configuration Flash Memory
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT17F080 Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button AT17F080 Datasheet HTML 5Page - ATMEL Corporation AT17F080 Datasheet HTML 6Page - ATMEL Corporation AT17F080 Datasheet HTML 7Page - ATMEL Corporation AT17F080 Datasheet HTML 8Page - ATMEL Corporation AT17F080 Datasheet HTML 9Page - ATMEL Corporation AT17F080 Datasheet HTML 10Page - ATMEL Corporation AT17F080 Datasheet HTML 11Page - ATMEL Corporation AT17F080 Datasheet HTML 12Page - ATMEL Corporation AT17F080 Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
9
3039K–CNFG–2/08
AT17F040/080
10. Standby Mode
The AT17F Series Configurators enter a low-power standby mode whenever SER_EN is High
and CE is asserted High. In this mode, the AT17F Configurator consumes less than 1 mA of cur-
rent at 3.3V. The output remains in a high-impedance state regardless of the state of the OE
input.
11. Absolute Maximum Ratings*
Operating Temperature................................... -40
° C to +85° C
*NOTICE:
Stresses beyond those listed under Absolute
Maximum Ratings may cause permanent dam-
age to the device. This is a stress rating only and
functional operation of the device at these or any
other conditions beyond those listed under oper-
ating conditions is not implied. Exposure to Abso-
lute Maximum Rating conditions for extended
periods of time may affect device reliability.
Storage Temperature .................................... -65
° C to +150° C
Voltage on Any Pin
with Respect to Ground ..............................-0.1V to V
CC +0.5V
Supply Voltage (V
CC) .........................................-0.5V to +4.0V
Maximum Soldering Temp. (10 sec. @ 1/16 in.)............ 260
° C
ESD (R
ZAP = 1.5K, CZAP = 100 pF)................................. 2000V
12. Operating Conditions
Symbol
Description
AT17F Series Configurator
Units
Min
Max
V
CC
Commercial
Supply voltage relative to GND
-0
° C to +70° C
2.97
3.63
V
Industrial
Supply voltage relative to GND
-40
° C to +85° C
2.97
3.63
V
13. DC Characteristics
Symbol
Description
AT17F040
AT17F080
Units
Min
Max
Min
Max
V
IH
High-level Input Voltage
2.0
V
CC
2.0
V
CC
V
V
IL
Low-level Input Voltage
0
0.8
0
0.8
V
V
OH
High-level Output Voltage (I
OH = -2.5 mA)
Commercial
2.4
2.4
V
V
OL
Low-level Output Voltage (I
OL = +3 mA)
0.4
0.4
V
V
OH
High-level Output Voltage (I
OH = -2 mA)
Industrial
2.4
2.4
V
V
OL
Low-level Output Voltage (I
OL = +3 mA)
0.4
0.4
V
I
CCA
Supply Current, Active Mode
20
20
mA
I
L
Input or Output Leakage Current (V
IN = VCC or GND)
-10
10
-10
10
µA
I
CCS
Supply Current, Standby Mode
Commercial
1
1
mA
Industrial
1
1
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com