Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP7606 Datasheet(PDF) 13 Page - Exar Corporation

Part # SP7606
Description  Wide Input Voltage Boost Controller
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP7606 Datasheet(HTML) 13 Page - Exar Corporation

Back Button SP7606 Datasheet HTML 9Page - Exar Corporation SP7606 Datasheet HTML 10Page - Exar Corporation SP7606 Datasheet HTML 11Page - Exar Corporation SP7606 Datasheet HTML 12Page - Exar Corporation SP7606 Datasheet HTML 13Page - Exar Corporation SP7606 Datasheet HTML 14Page - Exar Corporation SP7606 Datasheet HTML 15Page - Exar Corporation SP7606 Datasheet HTML 16Page - Exar Corporation SP7606 Datasheet HTML 17Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
SP7606
12/17/07 rev: A
SP7600
©Copyright 2007 Exar Corporation
EXAR RESERVES THE RIGHT TO MAKE CHANGES TO THIS DATASHEET. CALL FOR UPDATES: 1-510-668-7000
page
13 of 17
400mA Load switching characteristics 12Vin
30Vout
Channel 1 Vout Ripple
Channel 2 LX node
Channel 3 Inductor Current 2A/Div
Light Load switching characteristics 12Vin 30Vout
Channel 1 Vout Ripple
Channel 2 LX node
Channel 3 Inductor Current 2A/Div
Transient Response load step
100mA to 400mA
Startup characteristics into 400mA load
Channel 1 Vout
Channel 2 Vin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com