Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP7606 Datasheet(PDF) 3 Page - Exar Corporation

Part # SP7606
Description  Wide Input Voltage Boost Controller
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP7606 Datasheet(HTML) 3 Page - Exar Corporation

  SP7606 Datasheet HTML 1Page - Exar Corporation SP7606 Datasheet HTML 2Page - Exar Corporation SP7606 Datasheet HTML 3Page - Exar Corporation SP7606 Datasheet HTML 4Page - Exar Corporation SP7606 Datasheet HTML 5Page - Exar Corporation SP7606 Datasheet HTML 6Page - Exar Corporation SP7606 Datasheet HTML 7Page - Exar Corporation SP7606 Datasheet HTML 8Page - Exar Corporation SP7606 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
SP7606
12/17/07 rev: A
SP7600
©Copyright 2007 Exar Corporation
EXAR RESERVES THE RIGHT TO MAKE CHANGES TO THIS DATASHEET. CALL FOR UPDATES: 1-510-668-7000
page
3 of 17
PIN ASSIGNMENTS
Pin#
Pin Description
Pin Name
DD
1
Divider disconnect; Upper resistor of output voltage
setting divider is connected to this point
OC
2
Over –current protection
GND
3
Ground pin
GATE
4
Gate pin. Connect external MOSFET gate to this pin.
Minimize trace area to reduce EMI
Vcc
5
Internal circuit power source. Bypass Vcc to GND with
0.1
μF capacitor.
SHDN
6
Shutdown pin. Device is active if SHDN is logic LOW
(<0.7V)
Vin
7
Power input pin. Bypass Vin to GND with 1
μF capacitor as
close to Vin as possible
FB
8
Feedback pin. Reference voltage is 0.8V
BLOCK DIAGRAM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com