Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP7606 Datasheet(PDF) 6 Page - Exar Corporation

Part # SP7606
Description  Wide Input Voltage Boost Controller
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP7606 Datasheet(HTML) 6 Page - Exar Corporation

Back Button SP7606 Datasheet HTML 2Page - Exar Corporation SP7606 Datasheet HTML 3Page - Exar Corporation SP7606 Datasheet HTML 4Page - Exar Corporation SP7606 Datasheet HTML 5Page - Exar Corporation SP7606 Datasheet HTML 6Page - Exar Corporation SP7606 Datasheet HTML 7Page - Exar Corporation SP7606 Datasheet HTML 8Page - Exar Corporation SP7606 Datasheet HTML 9Page - Exar Corporation SP7606 Datasheet HTML 10Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
SP7606
12/17/07 rev: A
SP7600
©Copyright 2007 Exar Corporation
EXAR RESERVES THE RIGHT TO MAKE CHANGES TO THIS DATASHEET. CALL FOR UPDATES: 1-510-668-7000
page
6 of 17
Over current protection
The boost regulator topology inherently does
not have short circuit protection. The SP7606
converter uses a simple comparator circuit to
check for an over current condition on a pulse
by pulse basis. The Vset voltage threshold for
the over-current (OC) pin is set to 0.25V.
Current limit set point is:
Rdson current sense
Typically the converter current limit is set to
about 150% of the normal output current. This
allows the converter to function at maximum
output current without accidentally triggering
the current limit. 150% over current limit takes
into effect the variations in RDSon of the FET,
as well as the inductor inductance values. The
accuracy of the current sensing can be
increased by the use of a sense resistor. The
resistor values tend to be more accurate down
to 1%.
Current sense using resistor
The approximate associated power loss in the
resistor is:
Rsense=Current sense resistor
For continuous conduction mode the ton/T
becomes the duty cycle of the converter. For
DCM mode the value of K can be used.
The other benefit of this combination is that the
OC pin does not see the high voltages and the
converter can be used to generate much
higher voltages then 38V. Please refer to the
high output voltage operation section for a
more detailed explanation.
The over current protection can be disabled by
tying the OC pin to GND.
High Voltage Operation
The converter can be used to boost voltage to
higher than the rated voltage of the DD pin and
the OC pin. To do this two things need to be
done for proper operation.
1) The voltage set resistors need to be
connected directly to the Vfb pin
bypassing the DD internal FET. By
doing this the user can get voltages that
are higher than Vout of 38V. By doing
this the user does not have the output
voltage disconnect feature.
2) The second thing that needs to be done
is the circuit needs to use a current
sense resistor for current limit. This
prevents the OC pin from seeing high



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com