Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP7606 Datasheet(PDF) 7 Page - Exar Corporation

Part # SP7606
Description  Wide Input Voltage Boost Controller
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP7606 Datasheet(HTML) 7 Page - Exar Corporation

Back Button SP7606 Datasheet HTML 3Page - Exar Corporation SP7606 Datasheet HTML 4Page - Exar Corporation SP7606 Datasheet HTML 5Page - Exar Corporation SP7606 Datasheet HTML 6Page - Exar Corporation SP7606 Datasheet HTML 7Page - Exar Corporation SP7606 Datasheet HTML 8Page - Exar Corporation SP7606 Datasheet HTML 9Page - Exar Corporation SP7606 Datasheet HTML 10Page - Exar Corporation SP7606 Datasheet HTML 11Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
SP7606
12/17/07 rev: A
SP7600
©Copyright 2007 Exar Corporation
EXAR RESERVES THE RIGHT TO MAKE CHANGES TO THIS DATASHEET. CALL FOR UPDATES: 1-510-668-7000
page
7 of 17
switch-node
voltages.
The
current
sense resistor schematic setup is shown
in Figure 2.
Schematic for High Voltage Operation
Other Topologies
The SP7606 is not only capable of driving
boost regulator circuits, but can also be used
in flyback and SEPIC topologies. Look for an
application note in the future on EXAR’s web
site
Inductor selection
Typically the inductor needs to be chosen for
its current capability and size.
For most
applications using the SP7606 the inductor
should be chosen so that at light loads the
inductor runs in discontinuous mode and then
enters continuous mode of operation at high
loads. This allows the inductor to be
reasonably sized and helps with compensation
of the overall circuit as well. The procedure for
selecting the inductor current for discontinuous
mode of operation is as follows.
1 The first thing that needs to be determined
is the constant K. K represents a ratio of
MOSFET conduction to diode conduction.
Typically a value of 0.8 can be used, this will
assure that there is about 20% dead time
present to have DCM mode of operation.
2 The on time is calculated is:
Vo is the output voltage
Vinmin is the minimum input voltage
3 The inductor inductance is:
Where
K is .8 ratio of MOSFET and diode conduction
time to T (T=1/fsw)
= output impedance at full load.
Vo is the output voltage
Vinmin is the minimum input voltage
Ton is the maximum on time
4 The inductor peak current Ip is:
Although
the
SP7606
typical
mode
of
operation is in DCM mode, due to easier
compensation below are the formulas for when
the SP7606 runs in CCM.
For continuous conduction mode the inductor
current is:
fsw is the switching frequency
Vd is forward diode drop of D1
Vo is the output voltage
Vinmin is the minimum input voltage
The approximate peak inductor current is:
MOSFET selection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com