Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP7606 Datasheet(PDF) 9 Page - Exar Corporation

Part # SP7606
Description  Wide Input Voltage Boost Controller
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP7606 Datasheet(HTML) 9 Page - Exar Corporation

Back Button SP7606 Datasheet HTML 5Page - Exar Corporation SP7606 Datasheet HTML 6Page - Exar Corporation SP7606 Datasheet HTML 7Page - Exar Corporation SP7606 Datasheet HTML 8Page - Exar Corporation SP7606 Datasheet HTML 9Page - Exar Corporation SP7606 Datasheet HTML 10Page - Exar Corporation SP7606 Datasheet HTML 11Page - Exar Corporation SP7606 Datasheet HTML 12Page - Exar Corporation SP7606 Datasheet HTML 13Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
SP7606
12/17/07 rev: A
SP7600
©Copyright 2007 Exar Corporation
EXAR RESERVES THE RIGHT TO MAKE CHANGES TO THIS DATASHEET. CALL FOR UPDATES: 1-510-668-7000
page
9 of 17
Output capacitor selection
For best performance a combination of both
electrolytic and ceramic capacitors should be
used. For both DCM and CCM mode the
required ESR is approximately given by
For CCM mode of operation the output
capacitor ripple is approximately:
The minimum output capacitance required in
CCM and DCM mode is approximated by
Where D= duty cycle for different modes of
operation
fsw=switching frequency
Error Amplifier
The SP7606 has built in internal Type 2
compensation.
-
+
RZ
CZ
CP
Vref
R1
Comp
Vout
Type II compensation
The values for
Rz is 200K
Cz is 150pF
CP is 2pF
R1 is chosen for proper gain.
Bode plot of type two compensation
The internal pole and zero location for the
SP7606 internal compensation is
Zero Location= 5.3KHz
Pole Location=398KHz
Modulator Gain CCM (feed forward)
The SP7606 has also built in a feed forward
topology to allows the boost regulator to have
the same modulator gain throughout its full
input voltage range swing when running in
CCM. The modulator gain is for the SP7606 is
Modulator Gain DCM (feed forward)
The SP7606 has also built in a feed forward
topology to allow the boost regulator to have
the same modulator gain throughout its full
input voltage range swing when running in
DCM. The modulator gain is for the SP7606 is
Where M=
D= Duty Cycle in DCM
Boost regulator output filter DCM
When a boost regulator is running in
discontinuous conduction mode the output
Gain (dB)
Frequency (Hz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com