Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT26DF161 Datasheet(PDF) 21 Page - ATMEL Corporation

Part # AT26DF161
Description  16-megabit 2.7-volt Only Serial Firmware DataFlash Memory
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT26DF161 Datasheet(HTML) 21 Page - ATMEL Corporation

Back Button AT26DF161_08 Datasheet HTML 17Page - ATMEL Corporation AT26DF161_08 Datasheet HTML 18Page - ATMEL Corporation AT26DF161_08 Datasheet HTML 19Page - ATMEL Corporation AT26DF161_08 Datasheet HTML 20Page - ATMEL Corporation AT26DF161_08 Datasheet HTML 21Page - ATMEL Corporation AT26DF161_08 Datasheet HTML 22Page - ATMEL Corporation AT26DF161_08 Datasheet HTML 23Page - ATMEL Corporation AT26DF161_08 Datasheet HTML 24Page - ATMEL Corporation AT26DF161_08 Datasheet HTML 25Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
21
3599G–DFLASH–8/08
AT26DF161
10.1.5
WEL Bit
The WEL bit indicates the current status of the internal Write Enable Latch. When the WEL bit is
in the logical “0” state, the device will not accept any program, erase, Protect Sector, Unprotect
Sector, or Write Status Register commands. The WEL bit defaults to the logical “0” state after a
device power-up or reset. In addition, the WEL bit will be reset to the logical “0” state automati-
cally under the following conditions:
• Write Disable operation completes successfully
• Write Status Register operation completes successfully or aborts
• Protect Sector operation completes successfully or aborts
• Unprotect Sector operation completes successfully or aborts
• Byte/Page Program operation completes successfully or aborts
• Block Erase operation completes successfully or aborts
• Chip Erase operation completes successfully or aborts
If the WEL bit is in the logical “1” state, it will not be reset to a logical “0” if an operation aborts
due to an incomplete or unrecognized opcode being clocked into the device before the CS pin is
deasserted. In order for the WEL bit to be reset when an operation aborts prematurely, the entire
opcode for a program, erase, Protect Sector, Unprotect Sector, or Write Status Register com-
mand must have been clocked into the device.
10.1.6
RDY/BSY Bit
The RDY/BSY bit is used to determine whether or not an internal operation, such as a program
or erase, is in progress. To poll the RDY/BSY bit to detect the completion of a program or erase
cycle, new Status Register data must be continually clocked out of the device until the state of
the RDY/BSY bit changes from a logical “1” to a logical “0”.
Figure 10-1. Read Status Register
10.2
Write Status Register
The Write Status Register command is used to modify the SPRL bit of the Status Register
and/or to perform a Global Protect or Global Unprotect operation. Before the Write Status Regis-
ter command can be issued, the Write Enable command must have been previously issued to
set the WEL bit in the Status Register to a logical “1”.
To issue the Write Status Register command, the CS pin must first be asserted and the opcode
of 01h must be clocked into the device followed by one byte of data. The one byte of data con-
sists of the SPRL bit value, a don't care bit, four data bits to denote whether a Global Protect or
SCK
CS
SI
SO
MSB
23
1
0
00000101
67
5
410 11
9
812
21 22
17
20
19
18
15 16
13 14
23 24
OPCODE
MSB
MSB
DDDDDD
D
D
D
D
MSB
DDDDD
D
D
D
STATUS REGISTER DATA
STATUS REGISTER DATA
HIGH-IMPEDANCE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com