Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT26DF161 Datasheet(PDF) 22 Page - ATMEL Corporation

Part # AT26DF161
Description  16-megabit 2.7-volt Only Serial Firmware DataFlash Memory
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT26DF161 Datasheet(HTML) 22 Page - ATMEL Corporation

Back Button AT26DF161_08 Datasheet HTML 18Page - ATMEL Corporation AT26DF161_08 Datasheet HTML 19Page - ATMEL Corporation AT26DF161_08 Datasheet HTML 20Page - ATMEL Corporation AT26DF161_08 Datasheet HTML 21Page - ATMEL Corporation AT26DF161_08 Datasheet HTML 22Page - ATMEL Corporation AT26DF161_08 Datasheet HTML 23Page - ATMEL Corporation AT26DF161_08 Datasheet HTML 24Page - ATMEL Corporation AT26DF161_08 Datasheet HTML 25Page - ATMEL Corporation AT26DF161_08 Datasheet HTML 26Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 34 page
background image
22
3599G–DFLASH–8/08
AT26DF161
Unprotect should be performed, and two additional don’t care bits (see Table 10-2). Any addi-
tional data bytes that are sent to the device will be ignored. When the CS pin is deasserted, the
SPRL bit in the Status Register will be modified and the WEL bit in the Status Register will be
reset back to a logical “0”. The values of bits 5, 4, 3, and 2 and the state of the SPRL bit before
the Write Status Register command was executed (the prior state of the SPRL bit) will determine
whether or not a Global Protect or Global Unprotect will be perfomed. Please refer to the “Global
Protect/Unprotect” section on page 14 for more details.
The complete one byte of data must be clocked into the device before the CS pin is deasserted;
otherwise, the device will abort the operation, the state of the SPRL bit will not change, no
potential Global Protect or Unprotect will be performed, and the WEL bit in the Status Register
will be reset back to the logical “0” state.
If the WP pin is asserted, then the SPRL bit can only be set to a logical “1”. If an attempt is made
to reset the SPRL bit to a logical “0” while the WP pin is asserted, then the Write Status Register
command will be ignored, and the WEL bit in the Status Register will be reset back to the logical
“0” state. In order to reset the SPRL bit to a logical “0”, the WP pin must be deasserted.
Figure 10-2. Write Status Register
Table 10-2.
Write Status Register Format
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
SPRL
X
Global Protect/Unprotect
X
X
SCK
CS
SI
SO
MSB
23
1
0
0000000
67
5
410 11
9
814 15
13
12
OPCODE
MSB
1D
X
D
D
D
D
X
X
STATUS REGISTER IN
HIGH-IMPEDANCE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com