Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT26DF161 Datasheet(PDF) 27 Page - ATMEL Corporation

Part # AT26DF161
Description  16-megabit 2.7-volt Only Serial Firmware DataFlash Memory
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT26DF161 Datasheet(HTML) 27 Page - ATMEL Corporation

Back Button AT26DF161_08 Datasheet HTML 23Page - ATMEL Corporation AT26DF161_08 Datasheet HTML 24Page - ATMEL Corporation AT26DF161_08 Datasheet HTML 25Page - ATMEL Corporation AT26DF161_08 Datasheet HTML 26Page - ATMEL Corporation AT26DF161_08 Datasheet HTML 27Page - ATMEL Corporation AT26DF161_08 Datasheet HTML 28Page - ATMEL Corporation AT26DF161_08 Datasheet HTML 29Page - ATMEL Corporation AT26DF161_08 Datasheet HTML 30Page - ATMEL Corporation AT26DF161_08 Datasheet HTML 31Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 34 page
background image
27
3599G–DFLASH–8/08
AT26DF161
Notes:
1. Not 100% tested (value guaranteed by design and characterization).
2. Only applicable as a constraint for the Write Status Register command when SPRL = 1.
Notes:
1. Not 100% tested (value guaranteed by design and characterization).
12.4
AC Characteristics
Symbol
Parameter
Min
Max
Units
fSCK
Serial Clock (SCK) Frequency
66
MHz
f
RDLF
SCK Frequency for Read Array (Low Frequency – 03h opcode)
33
MHz
t
SCKH
SCK High Time
6.8
ns
tSCKL
SCK Low Time
6.8
ns
t
SCKR
(1)
SCK Rise Time, Peak-to-Peak (Slew Rate)
0.1
V/ns
tSCKF
(1)
SCK Fall Time, Peak-to-Peak (Slew Rate)
0.1
V/ns
tCSH
Chip Select High Time
50
ns
t
CSLS
Chip Select Low Setup Time (relative to SCK)
5
ns
tCSLH
Chip Select Low Hold Time (relative to SCK)
5
ns
tCSHS
Chip Select High Setup Time (relative to SCK)
5
ns
t
CSHH
Chip Select High Hold Time (relative to SCK)
5
ns
tDS
Data In Setup Time
2
ns
tDH
Data In Hold Time
3
ns
t
DIS
(1)
Output Disable Time
6ns
tV
Output Valid Time
6ns
tOH
Output Hold Time
0
ns
t
WPS
(1)(2)
Write Protect Setup Time
20
ns
tWPH
(1)(2)
Write Protect Hold Time
100
ns
t
SECP
(1)
Sector Protect Time (from Chip Select High)
20
ns
t
SECUP
(1)
Sector Unprotect Time (from Chip Select High)
20
ns
tEDPD
(1)
Chip Select High to Deep Power-Down
3
µs
t
RDPD
(1)
Chip Select High to Standby Mode
3
µs
12.5
Program and Erase Characteristics
Symbol
Parameter
Min
Typ
Max
Units
t
PP
Page Program Time (256 Bytes)
1.5
5.0
ms
t
BLKE
Block Erase Time
4-Kbyte
0.05
0.2
sec
32-Kbyte
0.35
0.6
64-Kbyte
0.7
1.0
tCHPE
(1)
Chip Erase Time
18
28
sec
t
WRSR
(1)
Write Status Register Time
200
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com