Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT26DF161 Datasheet(PDF) 28 Page - ATMEL Corporation

Part # AT26DF161
Description  16-megabit 2.7-volt Only Serial Firmware DataFlash Memory
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT26DF161 Datasheet(HTML) 28 Page - ATMEL Corporation

Back Button AT26DF161_08 Datasheet HTML 24Page - ATMEL Corporation AT26DF161_08 Datasheet HTML 25Page - ATMEL Corporation AT26DF161_08 Datasheet HTML 26Page - ATMEL Corporation AT26DF161_08 Datasheet HTML 27Page - ATMEL Corporation AT26DF161_08 Datasheet HTML 28Page - ATMEL Corporation AT26DF161_08 Datasheet HTML 29Page - ATMEL Corporation AT26DF161_08 Datasheet HTML 30Page - ATMEL Corporation AT26DF161_08 Datasheet HTML 31Page - ATMEL Corporation AT26DF161_08 Datasheet HTML 32Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 34 page
background image
28
3599G–DFLASH–8/08
AT26DF161
12.7
Input Test Waveforms and Measurement Levels
12.8
Output Test Load
12.6
Power-Up Conditions
Parameter
Min
Max
Units
Minimum VCC to Chip Select Low Time
50
µs
Power-up Device Delay Before Program or Erase Allowed
10
ms
Power-On Reset Voltage
1.5
2.5
V
AC
DRIVING
LEVELS
AC
MEASUREMENT
LEVEL
0.45V
1.5V
2.4V
tR, tF < 2 ns (10% to 90%)
DEVICE
UNDER
TEST
30 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com