Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT26DF161 Datasheet(PDF) 23 Page - ATMEL Corporation

Part # AT26DF161
Description  16-megabit 2.7-volt Only Serial Firmware DataFlash Memory
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT26DF161 Datasheet(HTML) 23 Page - ATMEL Corporation

Back Button AT26DF161_08 Datasheet HTML 19Page - ATMEL Corporation AT26DF161_08 Datasheet HTML 20Page - ATMEL Corporation AT26DF161_08 Datasheet HTML 21Page - ATMEL Corporation AT26DF161_08 Datasheet HTML 22Page - ATMEL Corporation AT26DF161_08 Datasheet HTML 23Page - ATMEL Corporation AT26DF161_08 Datasheet HTML 24Page - ATMEL Corporation AT26DF161_08 Datasheet HTML 25Page - ATMEL Corporation AT26DF161_08 Datasheet HTML 26Page - ATMEL Corporation AT26DF161_08 Datasheet HTML 27Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 34 page
background image
23
3599G–DFLASH–8/08
AT26DF161
11. Other Commands and Functions
11.1
Read Manufacturer and Device ID
Identification information can be read from the device to enable systems to electronically query
and identify the device while it is in system. The identification method and the command opcode
comply with the JEDEC standard for “Manufacturer and Device ID Read Methodology for SPI
Compatible Serial Interface Memory Devices”. The type of information that can be read from the
device includes the JEDEC defined Manufacturer ID, the vendor specific Device ID, and the ven-
dor specific Extended Device Information.
To read the identification information, the CS pin must first be asserted and the opcode of 9Fh
must be clocked into the device. After the opcode has been clocked in, the device will begin out-
putting the identification data on the SO pin during the subsequent clock cycles. The first byte
that will be output will be the Manufacturer ID followed by two bytes of Device ID information.
The fourth byte output will be the Extended Device Information String Length, which will be 00h
indicating that no Extended Device Information follows. After the Extended Device Information
String Length byte is output, the SO pin will go into a high-impedance state; therefore, additional
clock cycles will have no affect on the SO pin and no data will be output. As indicated in the
JEDEC standard, reading the Extended Device Information String Length and any subsequent
data is optional.
Deasserting the CS pin will terminate the Manufacturer and Device ID read operation and put
the SO pin into a high-impedance state. The CS pin can be deasserted at any time and does not
require that a full byte of data be read.
Table 11-1.
Manufacturer and Device ID Information
Byte No.
Data Type
Value
1
Manufacturer ID
1Fh
2
Device ID (Part 1)
46h
3
Device ID (Part 2)
00h
4
Extended Device Information String Length
00h
Table 11-2.
Manufacturer and Device ID Details
Data Type
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Hex
Value
Details
Manufacturer ID
JEDEC Assigned Code
1Fh
JEDEC Code:
0001 1111 (1Fh for Atmel)
00
011
111
Device ID (Part 1)
Family Code
Density Code
46h
Family Code:
Density Code:
010 (AT26DFxxx series)
00110 (16-Mbit)
01
000
110
Device ID (Part 2)
MLC Code
Product Version Code
00h
MLC Code:
Product Version:
000 (1-bit/cell technology)
00000 (Initial version)
00
000
000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com