Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5131A-RDTUM Datasheet(PDF) 91 Page - ATMEL Corporation

Part # AT89C5131A-RDTUM
Description  8-bit Flash Microcontroller with Full Speed USB Device
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5131A-RDTUM Datasheet(HTML) 91 Page - ATMEL Corporation

Back Button AT89C5131A-RDTUM Datasheet HTML 87Page - ATMEL Corporation AT89C5131A-RDTUM Datasheet HTML 88Page - ATMEL Corporation AT89C5131A-RDTUM Datasheet HTML 89Page - ATMEL Corporation AT89C5131A-RDTUM Datasheet HTML 90Page - ATMEL Corporation AT89C5131A-RDTUM Datasheet HTML 91Page - ATMEL Corporation AT89C5131A-RDTUM Datasheet HTML 92Page - ATMEL Corporation AT89C5131A-RDTUM Datasheet HTML 93Page - ATMEL Corporation AT89C5131A-RDTUM Datasheet HTML 94Page - ATMEL Corporation AT89C5131A-RDTUM Datasheet HTML 95Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 188 page
background image
91
4337K–USB–04/08
AT89C5130A/31A-M
Table 17-3.
KBLS Register
KBLS-Keyboard Level Selector Register (9Ch)
Reset Value = 0000 0000b
7
6
5
4
3
2
1
0
KBLS7
KBLS6
KBLS5
KBLS4
KBLS3
KBLS2
KBLS1
KBLS0
Bit Number
Bit
Mnemonic
Description
7
KBLS7
Keyboard line 7 Level Selection bit
Cleared to enable a low level detection on Port line 7.
Set to enable a high level detection on Port line 7.
6
KBLS6
Keyboard line 6 Level Selection bit
Cleared to enable a low level detection on Port line 6.
Set to enable a high level detection on Port line 6.
5
KBLS5
Keyboard line 5 Level Selection bit
Cleared to enable a low level detection on Port line 5.
Set to enable a high level detection on Port line 5.
4
KBLS4
Keyboard line 4 Level Selection bit
Cleared to enable a low level detection on Port line 4.
Set to enable a high level detection on Port line 4.
3
KBLS3
Keyboard line 3 Level Selection bit
Cleared to enable a low level detection on Port line 3.
Set to enable a high level detection on Port line 3.
2
KBLS2
Keyboard line 2 Level Selection bit
Cleared to enable a low level detection on Port line 2.
Set to enable a high level detection on Port line 2.
1
KBLS1
Keyboard line 1 Level Selection bit
Cleared to enable a low level detection on Port line 1.
Set to enable a high level detection on Port line 1.
0
KBLS0
Keyboard line 0 Level Selection bit
Cleared to enable a low level detection on Port line 0.
Set to enable a high level detection on Port line 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com