Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5131A-RDTUM Datasheet(PDF) 6 Page - ATMEL Corporation

Part # AT89C5131A-RDTUM
Description  8-bit Flash Microcontroller with Full Speed USB Device
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5131A-RDTUM Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button AT89C5131A-RDTUM Datasheet HTML 2Page - ATMEL Corporation AT89C5131A-RDTUM Datasheet HTML 3Page - ATMEL Corporation AT89C5131A-RDTUM Datasheet HTML 4Page - ATMEL Corporation AT89C5131A-RDTUM Datasheet HTML 5Page - ATMEL Corporation AT89C5131A-RDTUM Datasheet HTML 6Page - ATMEL Corporation AT89C5131A-RDTUM Datasheet HTML 7Page - ATMEL Corporation AT89C5131A-RDTUM Datasheet HTML 8Page - ATMEL Corporation AT89C5131A-RDTUM Datasheet HTML 9Page - ATMEL Corporation AT89C5131A-RDTUM Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 188 page
background image
6
4337K–USB–04/08
AT89C5130A/31A-M
Figure 3-3.
AT89C5130A/31A-M 32-pin QFN Pinout
3.2
Signals
All the AT89C5130A/31A-M signals are detailed by functionality on Table 3-1 through Table 3-
12.
Table 3-1.
Keypad Interface Signal Description
Table 3-2.
Programmable Counter Array Signal Description
1
2
3
4
5
6
QFN32
7
P3.0/RxD
AVSS
XTAL1
UCAP
P3.5/T1/LED1
XTAL2
RST
P3.7/RD/LED3
VSS
P4.1/SDA
P1.0/T2/KIN0
VDD
8
PLLF
P3.6/WR/LED2
NC
NC
24
23
22
21
20
19
18
17
9 10 11 12 13 14 15 16
32 31 30 29 28 27 26 25
Note : The metal plate can be connected to Vss
Signal
Name
Type
Description
Alternate
Function
KIN[7:0)
I
Keypad Input Lines
Holding one of these pins high or low for 24 oscillator periods triggers a
keypad interrupt if enabled. Held line is reported in the KBCON register.
P1[7:0]
Signal
Name
Type
Description
Alternate
Function
ECI
I
External Clock Input
P1.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com