Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5131A-RDTUM Datasheet(PDF) 94 Page - ATMEL Corporation

Part # AT89C5131A-RDTUM
Description  8-bit Flash Microcontroller with Full Speed USB Device
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5131A-RDTUM Datasheet(HTML) 94 Page - ATMEL Corporation

Back Button AT89C5131A-RDTUM Datasheet HTML 90Page - ATMEL Corporation AT89C5131A-RDTUM Datasheet HTML 91Page - ATMEL Corporation AT89C5131A-RDTUM Datasheet HTML 92Page - ATMEL Corporation AT89C5131A-RDTUM Datasheet HTML 93Page - ATMEL Corporation AT89C5131A-RDTUM Datasheet HTML 94Page - ATMEL Corporation AT89C5131A-RDTUM Datasheet HTML 95Page - ATMEL Corporation AT89C5131A-RDTUM Datasheet HTML 96Page - ATMEL Corporation AT89C5131A-RDTUM Datasheet HTML 97Page - ATMEL Corporation AT89C5131A-RDTUM Datasheet HTML 98Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 188 page
background image
94
4337K–USB–04/08
AT89C5130A/31A-M
19.2.3
SPI Serial Clock (SCK)
This signal is used to synchronize the data movement both in and out the devices through their
MOSI and MISO lines. It is driven by the Master for eight clock cycles which allows to exchange
one byte on the serial lines.
19.2.4
Slave Select (SS)
Each Slave peripheral is selected by one Slave Select pin (SS). This signal must stay low for any
message for a Slave. It is obvious that only one Master (SS high level) can drive the network.
The Master may select each Slave device by software through port pins (Figure 19-1). To pre-
vent bus conflicts on the MISO line, only one slave should be selected at a time by the Master
for a transmission.
In a Master configuration, the SS line can be used in conjunction with the MODF flag in the SPI
Status register (SPSTA) to prevent multiple masters from driving MOSI and SCK (see
Section “Error Conditions”, page 98).
A high level on the SS pin puts the MISO line of a Slave SPI in a high-impedance state.
The SS pin could be used as a general-purpose if the following conditions are met:
• The device is configured as a Master and the SSDIS control bit in SPCON is set. This kind of
configuration can be found when only one Master is driving the network and there is no way
that the SS pin could be pulled low. Therefore, the MODF flag in the SPSTA will never be
set(1).
• The Device is configured as a Slave with CPHA and SSDIS control bits set(2) This kind of
configuration can happen when the system comprises one Master and one Slave only.
Therefore, the device should always be selected and there is no reason that the Master uses
the SS pin to select the communicating Slave device.
Notes:
1. Clearing SSDIS control bit does not clear MODF.
2. Special care should be taken not to set SSDIS control bit when CPHA =’0’ because in this
mode, the SS is used to start the transmission.
19.2.5
Baud Rate
In Master mode, the baud rate can be selected from a baud rate generator which is controlled by
three bits in the SPCON register: SPR2, SPR1 and SPR0. The Master clock is chosen from one
of seven clock rates resulting from the division of the internal clock by 4, 8, 16, 32, 64 or 128.
Table 19-1 gives the different clock rates selected by SPR2:SPR1:SPR0:
Table 19-1.
SPI Master Baud Rate Selection
SPR2
SPR1
SPR0
Clock Rate
Baud Rate Divisor (BD)
0
0
0
Don’t Use
No BRG
0
0
1
FCLK PERIPH/4
4
0
1
0
FCLK PERIPH/8
8
0
1
1
FCLK PERIPH/16
16
1
0
0
FCLK PERIPH/32
32
1
0
1
FCLK PERIPH/64
64
1
1
0
FCLK PERIPH/128
128



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com