Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5131A-RDTUM Datasheet(PDF) 49 Page - ATMEL Corporation

Part # AT89C5131A-RDTUM
Description  8-bit Flash Microcontroller with Full Speed USB Device
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5131A-RDTUM Datasheet(HTML) 49 Page - ATMEL Corporation

Back Button AT89C5131A-RDTUM Datasheet HTML 45Page - ATMEL Corporation AT89C5131A-RDTUM Datasheet HTML 46Page - ATMEL Corporation AT89C5131A-RDTUM Datasheet HTML 47Page - ATMEL Corporation AT89C5131A-RDTUM Datasheet HTML 48Page - ATMEL Corporation AT89C5131A-RDTUM Datasheet HTML 49Page - ATMEL Corporation AT89C5131A-RDTUM Datasheet HTML 50Page - ATMEL Corporation AT89C5131A-RDTUM Datasheet HTML 51Page - ATMEL Corporation AT89C5131A-RDTUM Datasheet HTML 52Page - ATMEL Corporation AT89C5131A-RDTUM Datasheet HTML 53Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 188 page
background image
49
4337K–USB–04/08
AT89C5130A/31A-M
Figure 11-4. Hardware conditions typical sequence during power-on.
11.5.2
Low Pin Count Hardware Conditions (QFN32)
Low pin count products do not have PSEN signal, thus for these products, the bootloader is
always executed after reset thanks to the BLJB bit. The Hardware Condition are detected at the
begining of the bootloader execution from reset.
The default factory Hardware Condition is assigned to port P1.
• P1 must be equal to FEh
In order to offer the best flexibility, the user can define its own Hardware Condition on one of the
following Ports:
• Port1
• Port3
• Port4 (only bit0 and bit1)
The Hardware Condition configuration are stored in three bytes called P1_CF, P3_CF, P4_CF.
These bytes can be modified by the user through a set of API or through an ISP command.
Note:
1. The BLJB must be at 0 (programmed) to be able to restart the bootloader.
2. BLJB can always be changed by the means of API, whether it's a low or high pin count pack-
age.But for a low pin count version, if BLJB=1, no ISP via the Bootloader is further possible
(because the HW conditions are never evaluated, as described in the USB Bootloader
Datasheet). To go back to ISP, BLJB needs to be changed by a parallel programmer(or by the
APIs).
See a detailed description in the applicable Document.
– Datasheet Bootloader USB AT89C5131.
VCC
PSEN
RST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com