Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5131A-RDTUM Datasheet(PDF) 45 Page - ATMEL Corporation

Part # AT89C5131A-RDTUM
Description  8-bit Flash Microcontroller with Full Speed USB Device
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5131A-RDTUM Datasheet(HTML) 45 Page - ATMEL Corporation

Back Button AT89C5131A-RDTUM Datasheet HTML 41Page - ATMEL Corporation AT89C5131A-RDTUM Datasheet HTML 42Page - ATMEL Corporation AT89C5131A-RDTUM Datasheet HTML 43Page - ATMEL Corporation AT89C5131A-RDTUM Datasheet HTML 44Page - ATMEL Corporation AT89C5131A-RDTUM Datasheet HTML 45Page - ATMEL Corporation AT89C5131A-RDTUM Datasheet HTML 46Page - ATMEL Corporation AT89C5131A-RDTUM Datasheet HTML 47Page - ATMEL Corporation AT89C5131A-RDTUM Datasheet HTML 48Page - ATMEL Corporation AT89C5131A-RDTUM Datasheet HTML 49Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 188 page
background image
45
4337K–USB–04/08
AT89C5130A/31A-M
11. In-System Programming (ISP)
With the implementation of the User Space (FM0) and the Boot Space (FM1) in Flash technol-
ogy the AT89C5130A/31A-M allows the system engineer the development of applications with a
very high level of flexibility. This flexibility is based on the possibility to alter the customer pro-
gram at any stages of a product’s life:
• Before mounting the chip on the PCB, FM0 flash can be programmed with the application
code. FM1 is always preprogrammed by Atmel with a USB bootloader.(1)
• Once the chip is mounted on the PCB, it can be programmed by serial mode via the USB
bus.
Note:
1. The user can also program his own bootloader in FM1.
This ISP allows code modification over the total lifetime of the product.
Besides the default Bootloaders Atmel provide customers all the needed Application-Program-
ming-Interfaces (API) which are needed for the ISP. The API are located in the Boot memory.
This allow the customer to have a full use of the 32-Kbyte user memory.
11.1
Flash Programming and Erasure
There are three methods for programming the Flash memory:
• The Atmel bootloader located in FM1 is activated by the application. Low level API routines
(located in FM1)will be used to program FM0. The interface used for serial downloading to
FM0 is the USB. API can be called also by user’s bootloader located in FM0 at [SBV]00h.
• A further method exist in activating the Atmel boot loader by hardware activation. See the
Section “Hardware Registers”.
• The FM0 can be programmed also by the parallel mode using a programmer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com