Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5131A-RDTUM Datasheet(PDF) 104 Page - ATMEL Corporation

Part # AT89C5131A-RDTUM
Description  8-bit Flash Microcontroller with Full Speed USB Device
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5131A-RDTUM Datasheet(HTML) 104 Page - ATMEL Corporation

Back Button AT89C5131A-RDTUM Datasheet HTML 100Page - ATMEL Corporation AT89C5131A-RDTUM Datasheet HTML 101Page - ATMEL Corporation AT89C5131A-RDTUM Datasheet HTML 102Page - ATMEL Corporation AT89C5131A-RDTUM Datasheet HTML 103Page - ATMEL Corporation AT89C5131A-RDTUM Datasheet HTML 104Page - ATMEL Corporation AT89C5131A-RDTUM Datasheet HTML 105Page - ATMEL Corporation AT89C5131A-RDTUM Datasheet HTML 106Page - ATMEL Corporation AT89C5131A-RDTUM Datasheet HTML 107Page - ATMEL Corporation AT89C5131A-RDTUM Datasheet HTML 108Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 188 page
background image
104
4337K–USB–04/08
AT89C5130A/31A-M
20.1
Description
The CPU interfaces to the 2-wire logic via the following four 8-bit special function registers: the
Synchronous Serial Control register (SSCON; Table 20-10), the Synchronous Serial Data regis-
ter (SSDAT; Table 20-11), the Synchronous Serial Control and Status register (SSCS; Table 20-
12) and the Synchronous Serial Address register (SSADR Table 20-13).
SSCON is used to enable the TWI interface, to program the bit rate (see Table 20-3), to enable
slave modes, to acknowledge or not a received data, to send a START or a STOP condition on
the 2-wire bus, and to acknowledge a serial interrupt. A hardware reset disables the TWI
module.
SSCS contains a status code which reflects the status of the 2-wire logic and the 2-wire bus.
The three least significant bits are always zero. The five most significant bits contains the status
code. There are 26 possible status codes. When SSCS contains F8h, no relevant state informa-
tion is available and no serial interrupt is requested. A valid status code is available in SSCS one
machine cycle after SI is set by hardware and is still present one machine cycle after SI has
been reset by software. to Table 20-9. give the status for the master modes and miscellaneous
states.
SSDAT contains a byte of serial data to be transmitted or a byte which has just been received. It
is addressable while it is not in process of shifting a byte. This occurs when 2-wire logic is in a
defined state and the serial interrupt flag is set. Data in SSDAT remains stable as long as SI is
set. While data is being shifted out, data on the bus is simultaneously shifted in; SSDAT always
contains the last byte present on the bus.
SSADR may be loaded with the 7-bit slave address (7 most significant bits) to which the TWI
module will respond when programmed as a slave transmitter or receiver. The LSB is used to
enable general call address (00h) recognition.
Figure 20-3 shows how a data transfer is accomplished on the 2-wire bus.
Figure 20-3. Complete Data Transfer on 2-wire Bus
The four operating modes are:
• Master Transmitter
• Master Receiver
• Slave transmitter
• Slave receiver
Data transfer in each mode of operation is shown in Table to Table 20-9 and Figure 20-4. to
Figure 20-7.. These figures contain the following abbreviations:
S
: START condition
SDA
SCL
S
start
condition
MSB
1
2
7
8
9
ACK
acknowledgement
signal from receiver
acknowledgement
signal from receiver
1
2
3-8
9
ACK
stop
condition
P
clock line held low
while interrupts are serviced



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com