Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VN610 Datasheet(PDF) 2 Page - STMicroelectronics

Part # VN610
Description  SINGLE CHANNEL HIGH SIDE SOLID STATE RELAY
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN610 Datasheet(HTML) 2 Page - STMicroelectronics

  VN610 Datasheet HTML 1Page - STMicroelectronics VN610 Datasheet HTML 2Page - STMicroelectronics VN610 Datasheet HTML 3Page - STMicroelectronics VN610 Datasheet HTML 4Page - STMicroelectronics VN610 Datasheet HTML 5Page - STMicroelectronics VN610 Datasheet HTML 6Page - STMicroelectronics VN610 Datasheet HTML 7Page - STMicroelectronics VN610 Datasheet HTML 8Page - STMicroelectronics VN610 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2/10
VN610SP
1
ABSOLUTE MAXIMUM RATING
CONNECTION DIAGRAM (TOP VIEW)
CURRENT AND VOLTAGE CONVENTIONS
Symbol
Parameter
Value
Unit
VCC
DC supply voltage
41
V
-VCC
Reverse DC supply voltage
-0.3
V
-IGND
DC reverse ground pin current
-200
mA
IOUT
DC output current
Internally limited
A
-IOUT
Reverse DC output current
-50
A
IIN
DC input current
+/- 10
mA
VCSENSE
Current sense maximum voltage
-3
+15
V
V
VESD
Electrostatic discharge (R=1.5k
Ω; C=100pF)
2000
V
PTOT
Power dissipation at TC<25°C
125
W
Tj
Junction operating temperature
Internally limited
°C
Tc
Case operating temperature
-40 to 150
°C
TSTG
Storage temperature
-55 to 150
°C
ICC
IGND
VCC
VCC
VSENSE
OUTPUT
IOUT
CURRENT SENSE
ISENSE
INPUT
IIN
VIN
VOUT
GND
1
2
3
4
5
6
7
8
9
10
11
OUTPUT
OUTPUT
OUTPUT
OUTPUT
OUTPUT
GROUND
INPUT
C.SENSE
N.C.
N.C.
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com