Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VN610 Datasheet(PDF) 5 Page - STMicroelectronics

Part # VN610
Description  SINGLE CHANNEL HIGH SIDE SOLID STATE RELAY
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN610 Datasheet(HTML) 5 Page - STMicroelectronics

  VN610 Datasheet HTML 1Page - STMicroelectronics VN610 Datasheet HTML 2Page - STMicroelectronics VN610 Datasheet HTML 3Page - STMicroelectronics VN610 Datasheet HTML 4Page - STMicroelectronics VN610 Datasheet HTML 5Page - STMicroelectronics VN610 Datasheet HTML 6Page - STMicroelectronics VN610 Datasheet HTML 7Page - STMicroelectronics VN610 Datasheet HTML 8Page - STMicroelectronics VN610 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5/10
VN610SP
ELECTRICAL TRANSIENT REQUIREMENTS
SWITCHING CHARACTERISTICS
ISO T/R 7637/1
Test Pulse
TEST LEVELS
I
II
III
IV
Delays and
Impedance
1
-25 V
-50 V
-75 V
-100 V
2 ms 10
Ω
2
+25 V
+50 V
+75 V
+100 V
0.2 ms 10
Ω
3a
-25 V
-50 V
-100 V
-150 V
0.1
µs50 Ω
3b
+25 V
+50 V
+75 V
+100 V
0.1
µs50 Ω
4
-4 V
-5 V
-6 V
-7 V
100 ms, 0.01
Ω
5
+26.5 V
+46.5 V
+66.5 V
+86.5 V
400 ms, 2
Ω
ISO T/R 7637/1
Test Pulse
TEST LEVELS RESULTS
I
II
III
IV
1
C
CCC
2
C
CCC
3a
C
CCC
3b
C
CCC
4
C
CCC
5C
E
E
E
CLASS
CONTENTS
C
All functions of the device are performed as designed after exposure to disturbance.
E
One or more functions of the device is not performed as designed after exposure to disturbance
and cannot be returned to proper operation without replacing the device.
1
VOUT
dVOUT/dt(on)
tr
70%
10%
tf
dVOUT/dt(off)
td(off)
td(on)
INPUT
t
t
90%



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com