Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VN610 Datasheet(PDF) 4 Page - STMicroelectronics

Part # VN610
Description  SINGLE CHANNEL HIGH SIDE SOLID STATE RELAY
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN610 Datasheet(HTML) 4 Page - STMicroelectronics

  VN610 Datasheet HTML 1Page - STMicroelectronics VN610 Datasheet HTML 2Page - STMicroelectronics VN610 Datasheet HTML 3Page - STMicroelectronics VN610 Datasheet HTML 4Page - STMicroelectronics VN610 Datasheet HTML 5Page - STMicroelectronics VN610 Datasheet HTML 6Page - STMicroelectronics VN610 Datasheet HTML 7Page - STMicroelectronics VN610 Datasheet HTML 8Page - STMicroelectronics VN610 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4/10
VN610SP
ELECTRICAL CHARACTERISTICS (continued)
CURRENT SENSE (9V
≤V
CC≤16V) (See Fig.1)
LOGIC INPUT
TRUTH TABLE
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
K1
IOUT/ISENSE
IOUT=1.5A; VSENSE=0.5V;
Tj=-40°C...150°C
3300
4400
6000
K2
IOUT/ISENSE
IOUT=15A; VSENSE=4V; Tj=-40°C
Tj=25°C...150°C
4200
4400
4900
4900
6000
5750
K3
IOUT/ISENSE
IOUT=45A; VSENSE=4V; Tj=-40°C
Tj=25°C...150°C
4200
4400
4900
4900
5500
5250
VSENSE
Max analog sense
output voltage
VCC=5V; IOUT =7.5A; RSENSE=10KΩ
VCC >8V; IOUT=15A; RSENSE=10KΩ
2
4
V
V
VSENSEH
Analog sense output
voltage in overtemperature
condition
VCC=13V; RSENSE=3.9KΩ
5.5
V
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
VIL
Input low level voltage
1.25
V
IIL
Low level input current
VIN=1.25V
1
µA
VIH
Input high level voltage
3.25
V
IIH
High level input current
VIN=3.25V
10
µA
VI(hyst)
Input hysteresis voltage
0.5
V
VICL
Input clamp voltage
IIN=1mA
IIN=-1mA
6.5
7.4
-0.7
8.5
V
V
CONDITIONS
INPUT
OUTPUT
SENSE
Normal operation
L
H
L
H
0
Nominal
Overtemperature
L
H
L
L
0
VSENSEH
Undervoltage
L
H
L
L
0
0
Overvoltage
L
H
L
L
0
0
Short circuit to GND
L
H
L
L
0
0
Short circuit to VCC
L
H
H
H
0
< Nominal
Negative output voltage
clamp
LL
0
2



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com