Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VN610 Datasheet(PDF) 3 Page - STMicroelectronics

Part # VN610
Description  SINGLE CHANNEL HIGH SIDE SOLID STATE RELAY
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN610 Datasheet(HTML) 3 Page - STMicroelectronics

  VN610 Datasheet HTML 1Page - STMicroelectronics VN610 Datasheet HTML 2Page - STMicroelectronics VN610 Datasheet HTML 3Page - STMicroelectronics VN610 Datasheet HTML 4Page - STMicroelectronics VN610 Datasheet HTML 5Page - STMicroelectronics VN610 Datasheet HTML 6Page - STMicroelectronics VN610 Datasheet HTML 7Page - STMicroelectronics VN610 Datasheet HTML 8Page - STMicroelectronics VN610 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3/10
VN610SP
THERMAL DATA
ELECTRICAL CHARACTERISTICS (8V<VCC<36V; -40°C<Tj<150°C; unless otherwise specified)
POWER
Note 1: Vclamp and VOV are correlated. Typical difference is 5V.
SWITCHING (VCC=13V)
PROTECTIONS
Symbol
Parameter
Value
Unit
Rthj-case
Thermal resistance junction-case
(MAX)
1
°C/W
Rthj-amb
Thermal resistance junction-ambient
(MAX)
50
°C/W
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
VCC
Operating supply
voltage
5.5
13
36
V
VUSD
Undervoltage shutdown
3
4
5.5
V
VOV
Overvoltage shutdown
(See Note 1)
36
42
48
V
RON
On state resistance
IOUT=15A; Tj=25
oC
IOUT=15A; Tj=150
oC
IOUT=9A; VCC=6V
10
20
35
m
Ω
m
Ω
m
Ω
Vclamp
Clamp Voltage
ICC=20 mA
(see note 1)
41
48
55
V
IS
Supply current
Off state; INPUT= n.c.; VCC=13V
On state; VIN=5V; VCC=13V; IOUT=0A;
RSENSE=3.9K
25
5
µA
mA
IL(off)
Off state output current VIN=VOUT=0V
0
50
µA
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
td(on)
Turn-on delay time
R1=0.87
Ω
50
µs
td(off)
Turn-on delay time
R1=0.87
Ω
50
µs
(dVOUT/dt)on Turn-on voltage slope
R1=0.87
Ω
0.3
V
/µs
(dVOUT/dt)off Turn-off voltage slope
R1=0.87
Ω
0.3
V
/µs
WON
Switching losses
energy at turn-on
R1=2.6
Ω
1.0
mJ
WOFF
Switching losses
energy at turn-off
R1=2.6
Ω
0.5
mJ
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
Ilim
DC Short circuit current
VCC=13V
5.5V<VCC<36V
45
75
120
120
A
A
TTSD
Thermal shutdown
temperature
150
175
200
°C
TR
Thermal reset
temperature
135
°C
THYST
Thermal hysteresis
7
15
°C
VDEMAG
Turn-off output voltage
clamp
IOUT=2A; VIN=0; L=6mH
Vcc-41
Vcc-48 Vcc-55
V
VON
Output voltage drop
limitation
IOUT=1.5A
Tj=-40°C...+150°C
50
mV
1



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com