Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VN610 Datasheet(PDF) 1 Page - STMicroelectronics

Part # VN610
Description  SINGLE CHANNEL HIGH SIDE SOLID STATE RELAY
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN610 Datasheet(HTML) 1 Page - STMicroelectronics

  VN610 Datasheet HTML 1Page - STMicroelectronics VN610 Datasheet HTML 2Page - STMicroelectronics VN610 Datasheet HTML 3Page - STMicroelectronics VN610 Datasheet HTML 4Page - STMicroelectronics VN610 Datasheet HTML 5Page - STMicroelectronics VN610 Datasheet HTML 6Page - STMicroelectronics VN610 Datasheet HTML 7Page - STMicroelectronics VN610 Datasheet HTML 8Page - STMicroelectronics VN610 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
September 1999
1/10
®
VN610SP
SINGLE CHANNEL HIGH SIDE SOLID STATE RELAY
s
OUTPUT CURRENT: 45 A
s
CMOS COMPATIBLE INPUT
s
PROPORTIONAL LOAD CURRENT SENSE
s
UNDERVOLTAGE AND OVERVOLTAGEn
SHUT-DOWN
s
OVERVOLTAGE CLAMP
s
THERMAL SHUT DOWN
s
CURRENT LIMITATION
s
VERY LOW STAND-BY POWER DISSIPATION
s
PROTECTION AGAINST:
n LOSS OF GROUND AND LOSS OF VCC
s
REVERSE BATTERY PROTECTION (*)
DESCRIPTION
The VN610SP is a monolithic device made using
STMicroelectronics VIPower technology. It is
intended for driving resistive or inductive loads
with one side connected to ground. Active VCC pin
voltage clamp protects the device against low
energy
spikes
(see
ISO7637
transient
compatibility table). This device integrates an
analog current sense which delivers a current
proportional to the load current (according to a
known ratio). Active current limitation combined
with thermal shut-down and automatic restart
protect the device against overload. Device
automatically turns off in case of ground pin
disconnection.
TYPE
RDS(on)
IOUT
VCC
VN610SP
10m
Ω
45A
36 V
1
TARGET SPECIFICATION
PowerSO-10
™
BLOCK DIAGRAM
1
10
LOGIC
UNDERVOLTAGE
OVERVOLTAGE
OVERTEMP.
ILIM
PwCLAMP
K
IOUT
GND
INPUT
VCC
OUTPUT
CURRENT
SENSE
DRIVER
VCC
CLAMP
VDSLIM
(*) See application schematic at page 8


Similar Part No. - VN610

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VN610SP STMICROELECTRONICS-VN610SP Datasheet
452Kb / 26P
Single channel high-side solid state relay
25-Sep-2013
VN610SP-E STMICROELECTRONICS-VN610SP-E Datasheet
186Kb / 18P
SINGLE CHANNEL HIGH SIDE DRIVER
Oct-2004
VN610SP-E STMICROELECTRONICS-VN610SP-E Datasheet
311Kb / 27P
Single channel high-side driver
19-Sep-2013
VN610SP-E STMICROELECTRONICS-VN610SP-E_V01 Datasheet
311Kb / 27P
Single channel high-side driver
19-Sep-2013
VN610SP.E STMICROELECTRONICS-VN610SP.E Datasheet
1Mb / 22P
for car body applications
Oct-2013
More results

Similar Description - VN610

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VN460SP STMICROELECTRONICS-VN460SP Datasheet
76Kb / 9P
SINGLE CHANNEL HIGH SIDE SMART SOLID STATE RELAY
Jun-1998
VN920 STMICROELECTRONICS-VN920 Datasheet
370Kb / 25P
SINGLE CHANNEL HIGH SIDE SOLID STATE RELAY
Rev. 2
VN920SP STMICROELECTRONICS-VN920SP Datasheet
273Kb / 16P
SINGLE CHANNEL HIGH SIDE SOLID STATE RELAY
rev. A
VN920PEP STMICROELECTRONICS-VN920PEP Datasheet
181Kb / 10P
SINGLE CHANNEL HIGH SIDE SOLID STATE RELAY
Mar-2004
VNQ660SPTR-E STMICROELECTRONICS-VNQ660SPTR-E Datasheet
408Kb / 26P
Quad channel high side solid state relay
03-Dec-2008
VN460SP-E STMICROELECTRONICS-VN460SP-E Datasheet
87Kb / 9P
SINGLE CHANNEL HIGH SIDE SMART SOLID STATE RELAY
Jun-1998
VN920SOTR-E STMICROELECTRONICS-VN920SOTR-E Datasheet
499Kb / 23P
SINGLE CHANNEL HIGH SIDE SOLID STATE RELAY
May-2003
VNQ660SP-E STMICROELECTRONICS-VNQ660SP-E Datasheet
408Kb / 26P
Quad channel high side solid state relay
03-Dec-2008
VN460SPTR-E STMICROELECTRONICS-VN460SPTR-E Datasheet
165Kb / 9P
SINGLE CHANNEL HIGH SIDE SMART SOLID STATE RELAY
Sep-2013
VN920-B5H STMICROELECTRONICS-VN920-B5H Datasheet
1Mb / 26P
Single-channel high-side solid state relay
September 2013 Rev 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com