Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC620 Datasheet(PDF) 4 Page - Semtech Corporation

Part # SC620
Description  Octal LED Driver, General Purpose Current Sink with Serial Interface
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC620 Datasheet(HTML) 4 Page - Semtech Corporation

  SC620 Datasheet HTML 1Page - Semtech Corporation SC620 Datasheet HTML 2Page - Semtech Corporation SC620 Datasheet HTML 3Page - Semtech Corporation SC620 Datasheet HTML 4Page - Semtech Corporation SC620 Datasheet HTML 5Page - Semtech Corporation SC620 Datasheet HTML 6Page - Semtech Corporation SC620 Datasheet HTML 7Page - Semtech Corporation SC620 Datasheet HTML 8Page - Semtech Corporation SC620 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
SC620
4
Parameter
Symbol
Condition
Min
Typ
Max
Units
Current Sink Turn-on Time
t
ON
from 0 to 95% of target
1
ms
Current Sink Turn-off Time
t
OFF
from 90% to 10% of set value
1
μs
EN Input High Threshold
V
IH
V
IN
= 5.5V
1.6
V
EN Input Low Threshold
V
IL
V
IN
= 2.7V
0.4
V
EN Input High Current
I
IH
V
IN
= 5.5V
2
μA
Over Temperature Protection(5)
T
OTP
155
°C
I2C Interface(5)
Interface complies with slave mode I2C interface as described by Philips I2C specification version 2.1 dated January, 2000.
Digital Input Voltage
V
B-IL
0.4
V
V
B-IH
1.6
V
SDA Output Low Level
I
DIN
(SDA) ≤ 3mA
0.4
V
Digital Input Current
I
B-IN
-0.2
0.2
μA
Schmitt Trigger Input Hysteresis
V
HYS
0.1
V
Maximum Glitch Pulse Rejection
t
SP
50
ns
I/O Pin Capacitance
C
IN
10
pF
I2C Timing
Clock Frequency
f
SCL
400
440
kHz
SCL Low Period
t
LOW
1.3
μs
SCL High Period
t
HIGH
0.6
μs
Data Hold Time
t
HD_DAT
0μs
Data Setup Time
t
SU_DAT
100
μs
Setup Time for Repeated
START Condition
t
SU_STA
0.6
μs
Hold Time for Repeated
START Condition
t
HD_STA
0.6
μs
Setup Time for STOP Condition
t
SU_STO
0.6
μs
Electrical Characteristics (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com