Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC620 Datasheet(PDF) 15 Page - Semtech Corporation

Part # SC620
Description  Octal LED Driver, General Purpose Current Sink with Serial Interface
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC620 Datasheet(HTML) 15 Page - Semtech Corporation

Back Button SC620 Datasheet HTML 10Page - Semtech Corporation SC620 Datasheet HTML 11Page - Semtech Corporation SC620 Datasheet HTML 12Page - Semtech Corporation SC620 Datasheet HTML 13Page - Semtech Corporation SC620 Datasheet HTML 14Page - Semtech Corporation SC620 Datasheet HTML 15Page - Semtech Corporation SC620 Datasheet HTML 16Page - Semtech Corporation SC620 Datasheet HTML 17Page - Semtech Corporation SC620 Datasheet HTML 18Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
SC620
15
Using the I2C Serial Port
The I2C General Specification
The SC620 is a read-write slave-mode I2C device and com-
plies with the Philips I2C standard Version 2.1 dated
January, 2000. The SC620 has eight user-accessible inter-
nal 8-bit registers. While there is no auto increment/decre-
ment capability in the SC620 I2C logic, a tight software
loop can be designed to randomly access the next register
independent of which register you begin accessing. The
start and stop commands frame the data-packet and the
repeat start condition is allowed if necessary.
SC620 Limitations to the I2C Specifications
Seven bit addressing is used and ten bit addressing is not
allowed. Any general call address will be ignored by the
SC620. The SC620 is not CBUS compatible. The SC620 can
operate in standard mode (100kbit/s) or fast mode
(400kbit/s).
Supported Formats:
Direct Format — Write
The simplest format for an I2C write is Direct Format. After
the start condition [S], the slave address is sent, followed
by an eighth bit indicating a write. The SC620 I2C then
acknowledges that it is being addressed, and the master
responds with an 8 bit data byte consisting of the register
address. The slave acknowledges and the master sends
the appropriate 8 bit data byte. Once again the slave
acknowledges and the master terminates the transfer with
the stop condition [P].
Combined Format — Read
After the start condition [S], the slave address is sent, fol-
lowed by an eighth bit indicating a write. The SC620 I2C
then acknowledges that it is being addressed, and the
master responds with an 8 bit data byte consisting of the
register address. The slave acknowledges and the master
sends the repeated start condition [Sr]. Once again, the
slave address is sent, followed by an eighth bit indicating
a read. The slave responds with an acknowledge and the
previously addressed 8 bit data byte; the master then sends
a non-acknowledge (NACK). Finally, the master terminates
the transfer with the stop condition [P].
Stop Separated Reads
Stop separated reads can also be used. This format allows
a master to set up the register address pointer for a read
and return to that slave at a later time to read the data. In
this format the slave address followed by a write command
are sent after a start [S] condition. The SC620 then acknowl-
edges it is being addressed, and the master responds with
the 8-bit register address. The master sends a stop or restart
condition and may then address another slave. After per-
forming other tasks, the master can send a start or restart
condition to the device with a read command. The SC620
acknowledges this request and returns the data from the
register location that had previously been set up.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com