Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC620 Datasheet(PDF) 5 Page - Semtech Corporation

Part # SC620
Description  Octal LED Driver, General Purpose Current Sink with Serial Interface
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC620 Datasheet(HTML) 5 Page - Semtech Corporation

  SC620 Datasheet HTML 1Page - Semtech Corporation SC620 Datasheet HTML 2Page - Semtech Corporation SC620 Datasheet HTML 3Page - Semtech Corporation SC620 Datasheet HTML 4Page - Semtech Corporation SC620 Datasheet HTML 5Page - Semtech Corporation SC620 Datasheet HTML 6Page - Semtech Corporation SC620 Datasheet HTML 7Page - Semtech Corporation SC620 Datasheet HTML 8Page - Semtech Corporation SC620 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
SC620
5
Electrical Characteristics (continued)
Parameter
Symbol
Condition
Min
Typ
Max
Units
I2C Timing (continued)
Bus-Free Time Between
STOP and START
t
BUF
1.3
μs
Interface Start-up Time
t
EN
Bus Start-up Time After EN Pin is
Pulled High
350
μs
Notes:
(1) Current step size = 500μA - See Table 1 for other step size options.
(2) Outputs are disabled but I2C bus is active
(3) Current gain register set to maximum value - see Control Register section for details.
(4) Current gain register set to minimum value - see Control Register section for details.
(5) Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com