Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC620 Datasheet(PDF) 13 Page - Semtech Corporation

Part # SC620
Description  Octal LED Driver, General Purpose Current Sink with Serial Interface
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC620 Datasheet(HTML) 13 Page - Semtech Corporation

Back Button SC620 Datasheet HTML 9Page - Semtech Corporation SC620 Datasheet HTML 10Page - Semtech Corporation SC620 Datasheet HTML 11Page - Semtech Corporation SC620 Datasheet HTML 12Page - Semtech Corporation SC620 Datasheet HTML 13Page - Semtech Corporation SC620 Datasheet HTML 14Page - Semtech Corporation SC620 Datasheet HTML 15Page - Semtech Corporation SC620 Datasheet HTML 16Page - Semtech Corporation SC620 Datasheet HTML 17Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
SC620
13
Applications Information (continued)
Backlighting with Series Connected LEDs connected
to a Boosted Output Voltage
This example uses the SC620 to drive 32 LEDs in a 4-in-
series by 8-in-parallel arrangement. Other arrangements
of series and parallel combinations are possible.
To prevent the boost voltage from illuminating the LEDs
while the current sinks are off, the boost voltage must
follow the SC620 in the start-up sequence. The boost
voltage must also power-off before the current sinks turn
off in the shut-down sequence. Protection diodes may be
necessary to protect the current sinks from destructive
voltage levels produced by the boost voltage supply.
Schottky diodes are shown in the schematic for the
purpose of voltage clamping. These diodes prevent
damage to the current sinks in the event that the sink
turns off while the boost circuit is on.
The operating voltage limit of (V
IN
— 1.5V) at the sink pins
must be observed to achieve the specified accuracy of the
device.
SC620
IN
2
SCL
11
SDA
10
EN
3
GND
1
GND
4
GND
9
GND
12
ILED1
5
ILED2
6
ILED3
7
ILED4
8
ILED6
14
ILED7
15
ILED8
16
ILED5
13
1μF
SCL
SDA
EN
LED Backlighting
5V
R1
R2 = (3/7)*(R1)
Limit SC620 sink pins to < [VIN – 1.5]
+
-
DC/DC Boost Voltage
Boost
limiting



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com