Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC620 Datasheet(PDF) 11 Page - Semtech Corporation

Part # SC620
Description  Octal LED Driver, General Purpose Current Sink with Serial Interface
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC620 Datasheet(HTML) 11 Page - Semtech Corporation

Back Button SC620 Datasheet HTML 7Page - Semtech Corporation SC620 Datasheet HTML 8Page - Semtech Corporation SC620 Datasheet HTML 9Page - Semtech Corporation SC620 Datasheet HTML 10Page - Semtech Corporation SC620 Datasheet HTML 11Page - Semtech Corporation SC620 Datasheet HTML 12Page - Semtech Corporation SC620 Datasheet HTML 13Page - Semtech Corporation SC620 Datasheet HTML 14Page - Semtech Corporation SC620 Datasheet HTML 15Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
SC620
11
Applications Information (continued)
Application Circuit Examples
Main Backlight Plus Sub-panel Backlight Plus Single
RGB LED
This example uses the SC620 to drive a main display, a
sub-panel display, and an RGB LED. Independent outputs
allow these functions to be supported simultaniously at
different intensities. The V
IN
supply is typically single cell
Li-Ion or 5.0V. V
IN
supply and LED anode voltage may
be from different sources. The operating voltage limit of
(V
IN
— 1.5V) at the sink pins must be observed to achieve
the specified accuracy of the device.
Battery
SC620
IN
SCL
SDA
EN
GND
GND
GND
GND
ILED1
ILED2
ILED3
ILED4
ILED6
ILED7
ILED8
ILED5
Sub Panel
Color/R/G/B LEDs
1μF
SCL
SDA
EN
Main Panel
LED Backlighting
2
11
5
6
10
7
13
8
1
3
14
15
16
12
9
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com