Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC820 Datasheet(PDF) 12 Page - Semtech Corporation

Part # SC820
Description  Adapter/USB Dual Input Single-cell Li-ion Charger
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC820 Datasheet(HTML) 12 Page - Semtech Corporation

Back Button SC820 Datasheet HTML 8Page - Semtech Corporation SC820 Datasheet HTML 9Page - Semtech Corporation SC820 Datasheet HTML 10Page - Semtech Corporation SC820 Datasheet HTML 11Page - Semtech Corporation SC820 Datasheet HTML 12Page - Semtech Corporation SC820 Datasheet HTML 13Page - Semtech Corporation SC820 Datasheet HTML 14Page - Semtech Corporation SC820 Datasheet HTML 15Page - Semtech Corporation SC820 Datasheet HTML 16Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
SC820
12
Applications Information (continued)
input also provides Under-Voltage Load Regulation
(UVLR), in which the charging current is reduced if needed
to prevent overloading of the USB Vbus supply. UVLR can
serve as a low-cost alternative to directly programming
the USB low power charge current. It is also useful where
there is no signal available to indicate whether USB low or
high power mode should be selected.
Constant Current Mode Fast-charge Current
Programming
The Constant Current (CC) mode is active when the
battery voltage is above the pre-charge threshold voltage
(VT
PreQ) and less than VCV. When VAD is the selected input,
the programmed CC regulation fast-charge (FQ) current
is inversely proportional to the IPRGM pin resistance to
GND according to the equation
When VUSB is the selected input, the programmed CC
mode fast-charge current is inversely proportional to the
IPUSB pin resistance to GND according to the equation
The fast-charge current can be programmed for a
minimum of 70mA and a maximum of 995mA for either
input, nominally. The VAD input is designed for lower
dropout voltage at high current, which ensures charging
without thermal limiting with a charging adapter operat-
ing in current limit of at least 700mA.
Current regulation accuracy is dominated by gain error at
high current settings and offset error at low current set-
tings. The range of expected fast-charge output current
versus programming resistance R
IPRGM
or R
IPUSB
(for VAD or
VUSB input selected, respectively) is shown in Figures 1a
and 1b. The figures show the nominal current versus
nominal R
IPRGM
or R
IPUSB
resistance as the center plot and
two theoretical limit plots indicating maximum and
minimum current versus nominal programming resis-
tance. These plots are derived from models of the
expected worst-case contribution of error sources
depending on programmed current. The current range
includes the uncertainty due to 1% tolerance resistors.
The dots on each plot indicate the currents obtained with
standard value 1% tolerance resistors. Figures 1a and 1b
show low and high resistance ranges, respectively.
Pre-charge Mode
This mode is automatically enabled when the battery
voltage is below the pre-charge threshold voltage (VT
PreQ).
Pre-charge current conditions the battery for fast charg-
ing. The pre-charge current value is fixed at 20%
nominally of the fast-charge current for the selected
input. The fast-charge current is programmed by the
2
2.5
3
3.5
4
4.5
5
5.5
6
6.5
7
250
300
350
400
450
500
550
600
650
700
750
800
850
900
950
1000
1050
1100
R
IPRGM
or R
IPUSB
(kΩ), R-tol = 1%
Figure 1a — Fast-charge Current Tolerance versus
Programming Resistance, Low Resistance Range
7
8
9
10
11121314
15161718
19202122
232425
26272829
50
75
100
125
150
175
200
225
250
275
300
325
R
IPRGM
or R
IPUSB
(kΩ), R-tol = 1%
Figure 1b — Fast-charge Current Tolerance versus
Programming Resistance, High Resistance Range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com