Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC820 Datasheet(PDF) 3 Page - Semtech Corporation

Part # SC820
Description  Adapter/USB Dual Input Single-cell Li-ion Charger
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC820 Datasheet(HTML) 3 Page - Semtech Corporation

  SC820 Datasheet HTML 1Page - Semtech Corporation SC820 Datasheet HTML 2Page - Semtech Corporation SC820 Datasheet HTML 3Page - Semtech Corporation SC820 Datasheet HTML 4Page - Semtech Corporation SC820 Datasheet HTML 5Page - Semtech Corporation SC820 Datasheet HTML 6Page - Semtech Corporation SC820 Datasheet HTML 7Page - Semtech Corporation SC820 Datasheet HTML 8Page - Semtech Corporation SC820 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
SC820
3
Exceeding the above specifications may result in permanent damage to the device or device malfunction. Operation outside of the parameters
specified in the Electrical Characteristics section is not recommended.
NOTES:
(1)
Tested according to JEDEC standard JESD22-A114-B.
(2)
Calculated from package in still air, mounted to 3 x 4.5 (in), 4 layer FR4 PCB with thermal vias under the exposed pad per JESD51 standards.
Absolute Maximum Ratings
VAD and VUSB (V) . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to +30.0
BAT, IPRGM, IPUSB (V) . . . . . . . . . . . . . . . . . . . . . . -0.3 to +6.5
STATB, EN (V) . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to V
BAT
+0.3
VAD Input Current (A) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 . 5
VUSB Input Current (A) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 . 5
BAT, IPRGM, IPUSB Short-to-GND Duration . . . . . Continuous
Total Power Dissipation (W) . . . . . . . . . . . . . . . . . . . . . . . . . . . 2
ESD Protection Level(1) (kV) . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2
Recommended Operating Conditions
Operating Ambient Temperature (°C) . . . . . . . . . -40 to +85
Thermal Information
Thermal Resistance, Junction to Ambient(2) (°C/W) . . . . . 68
Junction Temperature Range (°C) . . . . . . . . . . . . . . . . . . +150
Storage Temperature Range (°C) . . . . . . . . . . . . -65 to +150
Peak IR Reflow Temperature (10s to 30s) (°C) . . . . . . . +260
Test Conditions: V
VAD
= V
VUSB
= 4.75V to 5.25V; V
BAT
= 3.7V; Typ values at 25°C; Min and Max at -40°C < T
A
< 85°C, unless specified.
Parameter
Symbol
Conditions
Min
Typ
Max
Units
VAD Operating Voltage (1)
V
AD-OP
4.60
5.00
8.20
V
VAD Select Rising Threshold
VT
ADsel-R
4.30
4.45
4.60
V
VAD Deselect Falling Threshold (2)
VT
ADsel-F
V
VAD
> V
BAT
2.70
2.85
3.00
V
USB Input Operating Voltage (1)
V
USB-OP
4.35
5.00
8.20
V
VUSB Select Rising Threshold
VT
USBsel-R
V
VUSB
> V
BAT
4.20
4.35
V
VUSB Deselect Falling Threshold
VT
USBsel-F
V
VUSB
> V
BAT
3.65
4.00
V
VUSB Select Hysteresis
VT
USBsel-H
VT
USBsel-R
- VT
USBsel-F
100
mV
OVP Rising Threshold
VT
OVP-R
VAD or VUSB input
9.6
V
OVP Falling Threshold
VT
OVP-F
VAD or VUSB input
8.2
V
OVP Hysteresis
VT
OVP-H
(VT
OVP-R
- VT
OVP-F
)50
mV
VAD Charging Disabled Quiescent
Current
Iq
VAD_DIS
V
VUSB
= 0V, V
ENB
= V
BAT
23
mA
VAD Charging Enabled Quiescent
Current
Iq
VAD_EN
V
VUSB
= 0V, V
ENB
= 0V,
excluding I
BAT
, I
IPRGM
, and I
IPUSB
23
mA
VUSB Charging Disabled Quiescent
Current
Iq
VUSB_DIS
V
VAD
= 0V; V
ENB
= V
BAT
23
mA
VUSB Charging Enabled Quiescent
Current
Iq
VUSB_EN
V
VAD
= 0V, V
ENB
= 0V,
excluding I
BAT
, I
IPRGM
, and I
IPUSB
23
mA
Electrical Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com