Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC820 Datasheet(PDF) 18 Page - Semtech Corporation

Part # SC820
Description  Adapter/USB Dual Input Single-cell Li-ion Charger
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC820 Datasheet(HTML) 18 Page - Semtech Corporation

Back Button SC820 Datasheet HTML 13Page - Semtech Corporation SC820 Datasheet HTML 14Page - Semtech Corporation SC820 Datasheet HTML 15Page - Semtech Corporation SC820 Datasheet HTML 16Page - Semtech Corporation SC820 Datasheet HTML 17Page - Semtech Corporation SC820 Datasheet HTML 18Page - Semtech Corporation SC820 Datasheet HTML 19Page - Semtech Corporation SC820 Datasheet HTML 20Page - Semtech Corporation SC820 Datasheet HTML 21Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
SC820
18
ment. In this experiment, the final steady-state BAT
current was 462mA at T
A
= 25C on the SC820 evaluation
board. The fast thermal limiting feature ensures compli-
ance with CCSA YD/T 1591-2006, Telecommunication
Industrial Standard of the People’s Republic of China —
Technical Requirements and Test Method of Charger and
Interface for Mobile Telecommunication Terminal, Section
4.2.3.1.
Operation Without a Battery
The SC820 can be operated as a 4.2V LDO regulator
without the battery present, for example, factory testing.
If this use is anticipated, the output capacitance C
BAT
should be at least 2.2μF to ensure stability. To operate the
charger without a battery, the ENB pin must be driven low
or grounded.
Capacitor Selection
Low cost, low ESR ceramic capacitors such as the X5R and
X7R dielectric material types are recommended. The BAT
pin capacitor range is 1μF to 22μF. The VAD pin and VUSB
input capacitors are typically between 0.1μF and 2.2μF,
although larger values will not degrade performance.
Capacitance must be evaluated at the expected bias
voltage, rather than the zero-volt capacitance rating.
PCB Layout Considerations
Layout for linear devices is not as critical as for a switching
regulator. However, careful attention to detail will ensure
reliable operation.
Place input and output capacitors close to the
device for optimal transient response and device
behavior.
Connect all ground connections directly to the
ground plane. If there is no ground plane,
connect to a common local ground point before
connecting to board ground near the GND pin.
Attaching the part to a larger copper footprint
will enable better heat transfer from the device,
especially on PCBs with internal ground and
power planes.
Design Considerations — USB Charging
The USB specification restricts the load on the USB Vbus
power network to 100mA for low power devices and for
•
•
•
programmed by IPRGM or IPUSB, determined by input
selection), depending on the voltage at the output.
Input Over-Voltage Protection
The VAD and VUSB input pins are protected from over-
voltage to at least 30V above GND. When the voltage of
the selected input exceeds the Over-Voltage Protection
(OVP) rising threshold (VT
OVP-R
), charging is halted. When
the input voltage falls below the OVP falling threshold
(VT
OVP-F
), charging resumes. Note that the VAD input
remains selected even in the case that the VAD voltage
exceeds the OVP threshold. An excessive VAD voltage will
disable charging despite the presence of a valid VUSB
voltage. An OVP fault turns off the STATB output. STATB is
turned on again when charging restarts.
The OVP threshold has been set relatively high to permit
the use of poorly regulated adapters. Such adapters may
output a high voltage until loaded by the charger. A
too-low OVP threshold could prevent the charger from
ever turning on and loading the adapter to a lower voltage.
If the adapter voltage remains high despite the charging
load, the fast thermal limiting feature will immediately
reduce the charging current to prevent overheating of the
SC820. This behavior is illustrated in Figure 4, in which V
BAT
= 3.0V, I
FQ
= 700mA, and V
VAD
is stepped from 0V to 8.1V.
Initially, power dissipation in the SC820 is 3.6W.
1s/div
V
VAD
(2V/div)
V
VAD
,V
BAT
=0V—
I
BAT
(100mA/div)
I
BAT
=0mA—
V
VAD
=8.1V, V
BAT
=3.0V
I
BAT
=700mA (Initially), P
DISSIPATION
=3.6W (Initially)
V
BAT
(2V/div)
Figure 4 — Thermal Limiting Example
Notice the BAT output current is rapidly reduced to limit
the internal die temperature, then continues to decline as
the circuit board gradually heats up, further reducing the
conduction of heat from the die to the ambient environ-
Applications Information (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com