Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC820 Datasheet(PDF) 19 Page - Semtech Corporation

Part # SC820
Description  Adapter/USB Dual Input Single-cell Li-ion Charger
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC820 Datasheet(HTML) 19 Page - Semtech Corporation

Back Button SC820 Datasheet HTML 13Page - Semtech Corporation SC820 Datasheet HTML 14Page - Semtech Corporation SC820 Datasheet HTML 15Page - Semtech Corporation SC820 Datasheet HTML 16Page - Semtech Corporation SC820 Datasheet HTML 17Page - Semtech Corporation SC820 Datasheet HTML 18Page - Semtech Corporation SC820 Datasheet HTML 19Page - Semtech Corporation SC820 Datasheet HTML 20Page - Semtech Corporation SC820 Datasheet HTML 21Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 19 / 21 page
background image
SC820
19
high power devices prior to granting permission for high
power operation. The specification restricts the Vbus load
to 500mA for high power devices after granting permis-
sion to operate as a high power device. This suggests that
a fixed 1:5 ratio of low power to high power charging
current is desirable. But this can result in suboptimal
charging when the battery capacity is too small to permit
fast charging at 500mA. For example, a 250mAh battery
will typically require a fast-charge current of 250mA or
less. A fixed 1:5 ratio for USB low and high power charging
will unnecessarily reduce charging current to 50mA, well
below the 100mA permitted.
An arbitrary ratio of USB low-to-high power charging cur-
rents can be obtained using an external n-channel FET
operated with a processor GPIO signal to engage a second
parallel IPUSB resistor. The external circuit is illustrated in
Figure 5.
IPUSB
5
RIPUSB
RIPUSB_HI
USB Hi/Lo
Power Select
Figure 5 — External programming of arbitrary USB
high power and low power charge currents.
For USB low power mode charging, the external transistor
is turned off. The transistor is turned on when high power
mode is desired. The effect of the switched parallel IPUSB
resistor is to reduce the effective programming resistance
and thus raise the fast-charge current.
An open-drain GPIO can be used directly to engage the
parallel resistor R
IPUSB_HI
. Care must be taken to ensure that
the R
DS-ON
of the GPIO is considered in the selection of
R
IPUSB_HI
. Also important is the part-to-part and tempera-
ture variation of the GPIO R
DS-ON
, and their contribution to
the USB High Power charge current tolerance. Note also
that IPUSB will be pulled up briefly to as high as 3V during
startup to check for an IPUSB static pinshort to ground. A
small amount of current could, potentially, flow from
IPUSB into the GPIO ESD structure through R
IPUSB_HI
during
this event. While unlikely to do any harm, this effect must
also be considered.
For purposes of design for dual-input adapter/USB charg-
ing, a small battery is one with a desired fast-charge
current less than 500mA. A 300mAh battery with
maximum fast-charge current of 300mA is an example.
The adapter input and USB input high power fast-charge
currents should both be set to 300mA max. The USB input
low power fast-charge current is 100mA max. Refer to the
circuit of Figure 4 and the data of Figures 1a and 1b. For
I
FQ_AD
= 300mA max, use R
IPRGM
= 7.50kΩ. The fixed IPUSB
resistor of R
IPUSB
= 23.2kΩ programs I
FQ_USB
= 100mA max.
When parallel resistor R
IPUSB_HI
= 11.0kΩ is switched in, the
equivalent IPUSB resistor is 7.50kΩ, and so I
FQ_USB
= 300mA
max.
A large battery is any battery with a desired fast-charge
current exceeding 500mA. Large battery charging is most
consistent with the USB fixed 1:5 current ratio low-to-high
power model of operation. For example, consider an
800mAh battery, with maximum fast-charge current of
800mA. The adapter input fast-charge should be config-
ured for 800mA max (R
IPRGM
= 2.80kΩ), the USB low power
fast-charge set to 100mA max (R
IPUSB
= 23.2kΩ), and the
USB high power fast- charge set to 500mA max
(R
IPUSB_HI
= 5.62kΩ).
USB Low Power Mode Alternative
Where a USB mode selection signal is not available, or
where system cost or board space make USB low power
mode external current programming impractical, USB low
power charging can be supported indirectly. The IPUSB
pin resistance can be selected to obtain the desired USB
high power charge current. The VUSB pin UVLR feature
ensures that the charging load will never pull the USB
Vbus supply voltage below V
USB_UV_LIM
regardless of the USB
host or hub supply limit. The UVLR limit voltage guaran-
tees that the voltage of the USB Vbus supply will not be
loaded below the low power voltage specification limit, as
seen by any other low power devices connected to the
same USB host or hub.
Applications Information (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com