Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC820 Datasheet(PDF) 14 Page - Semtech Corporation

Part # SC820
Description  Adapter/USB Dual Input Single-cell Li-ion Charger
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC820 Datasheet(HTML) 14 Page - Semtech Corporation

Back Button SC820 Datasheet HTML 10Page - Semtech Corporation SC820 Datasheet HTML 11Page - Semtech Corporation SC820 Datasheet HTML 12Page - Semtech Corporation SC820 Datasheet HTML 13Page - Semtech Corporation SC820 Datasheet HTML 14Page - Semtech Corporation SC820 Datasheet HTML 15Page - Semtech Corporation SC820 Datasheet HTML 16Page - Semtech Corporation SC820 Datasheet HTML 17Page - Semtech Corporation SC820 Datasheet HTML 18Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
SC820
14
Applications Information (continued)
plots are derived from models of the expected worst-case
contribution of error sources depending on programmed
current. The current range includes the uncertainty due
to a 1% tolerance resistor. The dots on each plot indicate
the currents obtained with standard value 1% tolerance
resistors. Figures 3a and 3b show low and high resistance
ranges, respectively.
Enable Input
The ENB pin is a tri-level logical input that allows selection
of the following behaviors:
Charging enabled with float-charging after ter-
mination (ENB = low range)
Charging enabled with float-charging disabled
and battery monitoring at termination (ENB =
mid range)
Charging disabled (ENB = high range).
This input is designed to interface to a processor GPIO
port powered from a peripheral supply voltage as low as
1.8V or as high as a fully charged battery. While a con-
nected GPIO port is configured as an output, the processor
writes a 0 to select ENB low-range, and 1 to select high-
range. The GPIO port is configured as an input to select
mid-range.
ENB can also be permanently grounded to select low-
range or left unconnected to select mid-range if it will not
be necessary to change the level selection.
•
•
•
The equivalent circuit looking into the ENB pin is a vari-
able resistance, minimum 15kΩ, to an approximately 1V
source. The input will float to mid range whenever the
external driver sinks or sources less than 5μA, a common
worst-case characteristic of a high impedance or a weak
pull-up or pull-down GPIO configured as an input. The
driving GPIO must be able to sink or source at least 75μA
to ensure a low or high state, respectively, although the
drive current is typically far less. (See the Electrical
Characteristics table.)
If the ENB input voltage is permitted to float to mid-range,
the charger is enabled but it will turn off its output follow-
ing charge termination and will enter the monitor state.
This state is explained in the next section. Mid-range can
be selected either by floating the input (sourcing or
sinking less than 5μA) or by being externally forced such
that V
ENB
falls within the midrange limits specified in the
Electrical Characteristics table.
When driven low (V
ENB
< Max V
IL
), the charger is enabled
and will continue to float-charge the battery following
termination. If the charger is already in monitor state fol-
lowing a previous termination, it will exit the monitor state
and begin float-charging.
When ENB is driven high (V
ENB
> Min V
IH
), the charger is
disabled and the ENB input pin enters a high impedance
state, suspending tri-level functionality. The specified
high level input current I
IH
is required only until a high
Figure 3a — Termination Current Tolerance versus
Programming Resistance, Low Resistance Range
22.5
33.5
44.5
55.5
66.5
7
20
25
30
35
40
45
50
55
60
65
70
75
80
85
90
95
100
105
110
115
R
IPRGM
(kΩ), R-tol = 1%
Figure 3b — Termination Current Tolerance versus
Programming Resistance, High Resistance Range
7
8
9
10
11121314
15161718
19202122
232425
26272829
0
5
10
15
20
25
30
35
R
IPRGM
(kΩ), R-tol = 1%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com