Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATSAM3308B Datasheet(PDF) 20 Page - ATMEL Corporation

Part # ATSAM3308B
Description  Audio Processing
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSAM3308B Datasheet(HTML) 20 Page - ATMEL Corporation

Back Button ATSAM3308B Datasheet HTML 16Page - ATMEL Corporation ATSAM3308B Datasheet HTML 17Page - ATMEL Corporation ATSAM3308B Datasheet HTML 18Page - ATMEL Corporation ATSAM3308B Datasheet HTML 19Page - ATMEL Corporation ATSAM3308B Datasheet HTML 20Page - ATMEL Corporation ATSAM3308B Datasheet HTML 21Page - ATMEL Corporation ATSAM3308B Datasheet HTML 22Page - ATMEL Corporation ATSAM3308B Datasheet HTML 23Page - ATMEL Corporation ATSAM3308B Datasheet HTML 24Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 27 page
background image
20
6090D–DRMSD–12-Feb-07
ATSAM3308B
Note:
1. A built-in PLL multiplies the crystal clock frequency by 4 for internal use. pLCK is the period of the internal clock generated by
PLL. p
LCK = tCK/4. Typical value with crystal 12.288 MHz is pLCK = 20 ns.
2. Memory access time should be lower than tACE min. Typical value with crystal 12.288 MHz is 80 ns.
Figure 10-9.
External RAM/Flash Write Timing
Table 10-4.
External Memory Parameters
Symbol
Parameter
Min
Typ
Max
Unit
tRC
Read cycle time
-
5 * pLCK
-ns
t
CSOE
Chip select low/address valid to WOE low
2 * p
LCK - 5
-
2 * p
LCK + 5
ns
tPOE
Output enable pulse width
-
3 * pLCK
-ns
tACE
Chip select/address access time
4.5 * pLCK - 10
-
-
ns
t
OE
Output enable access time
2.5 * p
LCK - 10
-
-
ns
tDF
Chip select or WOE high to input data Hi-Z
0
-
2 * pLCK - 5
ns
tWC
tCSWE
tWP
tDW
tDH
WA0 - WA21
WD0 - WD15
WCS1
WWE
WOE
WCS0
Table 10-5.
External Flash Timing Parameters
Symbol
Parameter
Min
Typ
Max
Unit
t
WC
Write cycle time
-
5 * p
LCK
-ns
tCSWE
Write enable low from CS or Address or WOE
2 * pLCK - 5
-
2 * pLCK + 5
ns
t
WP
Write pulse width
-
2.5 * p
LCK
-ns
t
DW
Data out setup time
2.5 * p
LCK - 5
-
-
ns
tDH
Data out hold time
0.5 * pLCK
--
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com