Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATSAM3308B Datasheet(PDF) 5 Page - ATMEL Corporation

Part # ATSAM3308B
Description  Audio Processing
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSAM3308B Datasheet(HTML) 5 Page - ATMEL Corporation

  ATSAM3308B Datasheet HTML 1Page - ATMEL Corporation ATSAM3308B Datasheet HTML 2Page - ATMEL Corporation ATSAM3308B Datasheet HTML 3Page - ATMEL Corporation ATSAM3308B Datasheet HTML 4Page - ATMEL Corporation ATSAM3308B Datasheet HTML 5Page - ATMEL Corporation ATSAM3308B Datasheet HTML 6Page - ATMEL Corporation ATSAM3308B Datasheet HTML 7Page - ATMEL Corporation ATSAM3308B Datasheet HTML 8Page - ATMEL Corporation ATSAM3308B Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
5
6090D–DRMSD–12-Feb-07
ATSAM3308B
4.2
Musical Keyboard with Key Velocity
Figure 4-2.
Musical Keyboard with Key Velocity
• Up to 64-voice polyphony with effects
• Choice of GM+ sampled sounds from 4 Mbits to 64 Mbits
• Maximum external memory addressing range: 128 Mbits
5.
DSP Capacity and I/O Configuration
5.1
DSP Considerations
The ATSAM3308B includes 8 x P24 DSPs. Table 5-1 below lists the performance achievable by
the P24.
The ATSAM3308B runs firmware directly from an external ROM/Flash memory. It may also run
firmware from local RAM, thus freeing many I/O pins, which can then be used for application
dependent functions. The ATSAM3308B is the ideal choice when wavetable synthesis or many
I/O pins are required.
5.2
I/O Selection Considerations
I/Os are organized in groups, which can be mutually exclusive because they share the same IC
pins (please refer to the pinout to identify the exclusions). The two main types of operation are
host controlled and stand-alone.
Switches,
LCD Display
MIDI
Stereo
Audio In/Out
ATSAM3308
ROM
DAC
ADC
Keyboard
Table 5-1.
P24 Performance
Function
P24s Required
MP3 decode
3
12-voice wavetable synthesis @32 kHz
1
8-voice wavetable synthesis @48 kHz
1
Stereo reverb and chorus @48 kHz
1
Stereo 31-band equalizer @48 kHz
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com