Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATSAM3308B Datasheet(PDF) 6 Page - ATMEL Corporation

Part # ATSAM3308B
Description  Audio Processing
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSAM3308B Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button ATSAM3308B Datasheet HTML 2Page - ATMEL Corporation ATSAM3308B Datasheet HTML 3Page - ATMEL Corporation ATSAM3308B Datasheet HTML 4Page - ATMEL Corporation ATSAM3308B Datasheet HTML 5Page - ATMEL Corporation ATSAM3308B Datasheet HTML 6Page - ATMEL Corporation ATSAM3308B Datasheet HTML 7Page - ATMEL Corporation ATSAM3308B Datasheet HTML 8Page - ATMEL Corporation ATSAM3308B Datasheet HTML 9Page - ATMEL Corporation ATSAM3308B Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
6
6090D–DRMSD–12-Feb-07
ATSAM3308B
5.2.1
Host-controlled Operation
There are three main possible ways of communication with a host processor:
• 8-bit parallel MPU type bidirectional interface signals: D7 - D0, CS, WR, RD, A0, IRQ
• Asynchronous serial, MIDI_IN and optionally MIDI_OUT
• Synchronous serial signals: SDIN, SCLK, SYNC, INT
5.2.2
Stand-alone Operation
Possible stand-alone modes are:
• Firmware into external ROM or Flash memory
• Firmware into external EEPROM or DataFlash
• Firmware into external SmartMedia. In this case, the firmware should reside in the
SmartMedia reserved sectors starting at sector # 1.
6.
Pinout
6.1
Pin Description
In the Pin Description table below:
• Identical sharing number indicates multifunction pins.
• Pd indicates a pin with built-in pull-down resistor.
• Pu indicates a pin with built-in pull-up resistor.
Table 6-1.
Pinout by Pin Name
Pin Name
Pin Number
Type
Sharing
Description
GND
9, 22, 30, 41, 56, 70,
75, 87, 97
PWR
–
Digital ground. All of these pins should be returned to a ground plane.
VC18
20, 47, 73, 99
PWR
–
Core power. All of these pins should be returned to nominal 1.8V or to
PWROUT if the built-in power switch is used.
VC33
13, 50, 83
PWR
–
Periphery power. All these pins should be returned to nominal 3.3V.
PWRIN
29
PWR
–
Power switch input; should be returned to nominal 1.8V even if the
power switch is not used.
PWROUT
28
PWR
–
Power switch output; should be connected to all VC18 pins if the power
switch is used
D7 - D0
96, 95, 91, 90, 82,
81, 77, 76
I/O
1
Slave 8-bit interface data. Output if CS and RD are low (read from chip),
input if CS and WR are low (write to chip). Type of data defined by A0
input.
I/O7 - I/O0
96, 95, 91, 90, 82,
81, 77, 76
I/O
1
SmartMedia data or other peripheral data
P0.7 - P0.0
96, 95, 91, 90, 82,
81, 77, 76
I/O
1
General-purpose I/O; can be programmed individually as input or
output.
CLAD3 - 0
96, 95, 91, 90
In
1
Optional bit clocks for digital audio input. Used for sampling rate
conversion for external incoming digital audio such as AES/BEU or
S/Pdif.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com