Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATSAM3308B Datasheet(PDF) 25 Page - ATMEL Corporation

Part # ATSAM3308B
Description  Audio Processing
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSAM3308B Datasheet(HTML) 25 Page - ATMEL Corporation

Back Button ATSAM3308B Datasheet HTML 19Page - ATMEL Corporation ATSAM3308B Datasheet HTML 20Page - ATMEL Corporation ATSAM3308B Datasheet HTML 21Page - ATMEL Corporation ATSAM3308B Datasheet HTML 22Page - ATMEL Corporation ATSAM3308B Datasheet HTML 23Page - ATMEL Corporation ATSAM3308B Datasheet HTML 24Page - ATMEL Corporation ATSAM3308B Datasheet HTML 25Page - ATMEL Corporation ATSAM3308B Datasheet HTML 26Page - ATMEL Corporation ATSAM3308B Datasheet HTML 27Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 25 / 27 page
background image
25
6090D–DRMSD–12-Feb-07
ATSAM3308B
15. Revision History
Table 15-1.
Revision History
Document Ref.
Comments
Change
Request
6090A
First issue
6090B
Corrected description of RESET pin in Table 6-1.
1042
6090C
Changed all references TQFP to LQFP. Changed pin name for Pin No. 8 in Table 6-2,
“ATSAM3308B Pinout by Pin Number,” on page 11.
2641
6090D
Changed all references ATSAM3308 to ATSAM3308B. Added Section 7. ”Marking” on page 12.
Updated Table 10-4, “External Memory Parameters,” on page 20 and Table 10-5, “External Flash
Timing Parameters,” on page 20. Updated note (2) in Table 10-4, “External Memory Parameters,”
on page 20.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com