Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATSAM3308B Datasheet(PDF) 21 Page - ATMEL Corporation

Part # ATSAM3308B
Description  Audio Processing
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSAM3308B Datasheet(HTML) 21 Page - ATMEL Corporation

Back Button ATSAM3308B Datasheet HTML 17Page - ATMEL Corporation ATSAM3308B Datasheet HTML 18Page - ATMEL Corporation ATSAM3308B Datasheet HTML 19Page - ATMEL Corporation ATSAM3308B Datasheet HTML 20Page - ATMEL Corporation ATSAM3308B Datasheet HTML 21Page - ATMEL Corporation ATSAM3308B Datasheet HTML 22Page - ATMEL Corporation ATSAM3308B Datasheet HTML 23Page - ATMEL Corporation ATSAM3308B Datasheet HTML 24Page - ATMEL Corporation ATSAM3308B Datasheet HTML 25Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
21
6090D–DRMSD–12-Feb-07
ATSAM3308B
11. Reset and Power-down
During power up, the RESET input should be held low until the crystal oscillator and PLL are sta-
bilized, which takes max. 10 ms.
After the low to high transition of RESET, the following happens:
• All P24s enter an idle state.
• P16 program execution starts in built-in ROM.
The power-up sequence is as follows:
• STIN is sensed. If HIGH, then the built-in debugger is started.
• Addresses 0 & 1 from external ROM are checked. If "DR" is read, then control is transferred
to address 400H from external ROM.
•SMC is sensed. If LOW, then the built-in loader waits for SmartMedia presence detect
(SMPD). When detected, the firmware is down loaded from SmartMedia reserved sector 1
and started.
• An attempt is made to read the first two bytes of an external EEPROM or DataFlash. If "DR"
is read, then the built-in loader loads the firmware from the external EEPROM/DataFlash and
starts it.
• Firmware download from a host processor is assumed.
1.
The 0ACh byte is written to the host, this raises IRQ. The host can recognize that the
chip is ready to accept program download. Higher speed transfer can be reached by
polling the parallel interface status (CS = 0, A0 = 1, RD = 0).
2.
The host sends the firmware size (in words) on two bytes (Low byte first).
3.
The host sends the ATSAM3308B firmware. The firmware should begin with string
"DR".
4.
The 0ACh byte is written to the host, this raises IRQ. The host can recognize that the
chip has accepted the firmware.
5.
ATSAM3308B starts the firmware.
If PDWN is asserted low, then the crystal oscillator and PLL will be stopped. If the power switch
is used, then the chip enters a deep power down sleep mode, as power is removed from the
core. To exit power down, PDWN has to be asserted high, then RESET applied.
Other power reduction features allowing warm restart are controlled by firmware:
• P24s can be individually stopped.
• The clock frequency can be internally divided by 256.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com