Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATSAM2533 Datasheet(PDF) 11 Page - ATMEL Corporation

Part # ATSAM2533
Description  Audio Processing
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSAM2533 Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button ATSAM2533 Datasheet HTML 7Page - ATMEL Corporation ATSAM2533 Datasheet HTML 8Page - ATMEL Corporation ATSAM2533 Datasheet HTML 9Page - ATMEL Corporation ATSAM2533 Datasheet HTML 10Page - ATMEL Corporation ATSAM2533 Datasheet HTML 11Page - ATMEL Corporation ATSAM2533 Datasheet HTML 12Page - ATMEL Corporation ATSAM2533 Datasheet HTML 13Page - ATMEL Corporation ATSAM2533 Datasheet HTML 14Page - ATMEL Corporation ATSAM2533 Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
11
6396A–DRMSD–15-Oct-08
ATSAM2533
9.
Timings
All timing conditions: V
D33 =3.3V, VD18 =1.8V, TA = 25°C, all outputs except X2 have load capac-
itance = 30 pF.
All timings refer to tck, which is the internal master clock period.
The internal master clock frequency is 4 times the frequency at pin X1. Therefore tck = txtal/4.
The sampling rate is given by 1/(tck*1024). The maximum crystal frequency/clock frequency at
X1 is 12.288 MHz (48 kHz sampling rate).
9.1
Crystal Frequency Selection Considerations
There is a trade-off between the crystal frequency and the support of widely available external
ROM/Flash components. Table 9-1 allows to select the best fit for a given application;
Using 12.288 MHz crystal frequency allows to use widely available ROM/Flash with 90 ns
access time, while providing state of the art 48 kHz sampling rate.
9.2
PC Host Interface
9.2.1
Timings
Figure 9-1.
Host Interface Read Cycle
Table 9-1.
Crystal Frequency Selection Chart
Sample Rate (kHz)
Xtal (MHz)
tck (ns)
ROM tA (ns)
48
12.288
20.35
92
44.1
11.2896
22.14
101
37.5
9.60
26.04
120
31.25
8.00
31.25
146
A0
CS/
RD/
D0-D7
tavcs
tcslrdl
tprd
trdhcsh
trdldv
tdrh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com