Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATSAM2533 Datasheet(PDF) 17 Page - ATMEL Corporation

Part # ATSAM2533
Description  Audio Processing
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSAM2533 Datasheet(HTML) 17 Page - ATMEL Corporation

Back Button ATSAM2533 Datasheet HTML 11Page - ATMEL Corporation ATSAM2533 Datasheet HTML 12Page - ATMEL Corporation ATSAM2533 Datasheet HTML 13Page - ATMEL Corporation ATSAM2533 Datasheet HTML 14Page - ATMEL Corporation ATSAM2533 Datasheet HTML 15Page - ATMEL Corporation ATSAM2533 Datasheet HTML 16Page - ATMEL Corporation ATSAM2533 Datasheet HTML 17Page - ATMEL Corporation ATSAM2533 Datasheet HTML 18Page - ATMEL Corporation ATSAM2533 Datasheet HTML 19Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
17
6396A–DRMSD–15-Oct-08
ATSAM2533
12. Recommended Board Layout
Like all HCMOS high integration ICs, following simple rules of board layout are mandatory for
reliable operation:
• GND, VD33, VD18 distribution, decouplings
All GND, VD33, VD18 pins should be connected. A GND plane is strongly recommended below
the ATSAM2533. The board GND + VD33 planes could be in grid form to minimize EMI.
Recommended VD18 decoupling is 0.1 µF close to the VD18 pin and 470 pF in parallel with 2.2
or 4.7 µF close to OUTVC18 pin. VD33 requires 0.1 uF at each corner of the IC with an addi-
tional 10 µFT capacitor that should be placed close to the crystal.
• Crystal, LFT
The paths between the crystal, the crystal compensation capacitors and the ATSAM2533 should
be short and shielded. The ground return from the compensation capacitors should be the GND
plane from ATSAM2533.
• Busses
Parallel layout from D0-D7 and WA0-WA23/WD0-WD15 should be avoided. The D0-D7 bus is
an asynchronous type bus. Even on short distances, it can induce pulses on WA0-WA23/WD0-
WD15 which can corrupt address and/or data on these busses.
A ground plane should be implemented below the D0-D7 bus, which is connected to the host
and to the ATSAM2533 GND.
A ground plane should be implemented below the WA0-WA23/WD0-WD15 bus, which is con-
nected to the ROM/Flash grounds and to the ATSAM2533.
• Analog section
A specific AGND ground plane should be provided, which is connected to the GND ground by a
single trace. No digital signals should cross the AGND plane.
Refer to the CODEC vendor recommended layout for correct implementation of the analog
section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com